Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 5Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 6Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 7Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 8Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 9Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 10Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 11Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 12Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
iii
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
17.4 Part Replacement...........................................................................54
18. Shipping Weights/Dimensions.................................................................55
18.1 Unit and Shipping Weights .............................................................55
18.2 Shipping Dimensions .....................................................................55
Appendix A: Specifications ............................................................................A-1
A.1 T1000 POWER MODULE - 6kVA.....................................................A-1
A.2 T1000 POWER MODULE - 5.2kVA..................................................A-6
A.3 T1000 BATTERY MODULE..............................................................A-11
A.4 T1000 TRANSFORMER MODULE ..................................................A-12
Appendix B: T1000 Menu Table......................................................................B-1
Appendix C: T1000 Dimensional Drawings...................................................C-1
Appendix D: T1000 Packing Lists and Kit Contents ....................................D-1
Inter-Module Cabling Identification ..........................................................D-1
Appendix E: T1000 Optional Installation Kit Instructions ...........................E-1
E.1 Optional 3-Module Tower Cap Kit - 93178 .......................................E-1
E.2 Optional Tower Caster Kit - 90508 ...................................................E-2
E.3 Optional T1000 2-Post Rack Fixed Installation Kit - 92801..............E-5
E.4 Optional T1000 4-Post Rack Slide Installation Kit - 92800...............E-8
E.5 Optional T1000 2-Post Rack Slide Installation Kit - 90400...............E-11
Index ..................................................................................................................I-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com