Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 9Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 10Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 11Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 12Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 13Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 14Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 15Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
3
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
2. Equipment Warning Labels
The following pages show examples of warning labels that may be attached to either the interior or exterior
of the Power (UPS), Battery, or Transformer Modules. Do not remove or cover any of the labels. If the
labels are damaged or if additional labels are required, contact your equipment representative for additional
labels.
These labels in both English and French are placed to provide useful information or to indicate an immi-
nently hazardous situation that may result in severe equipment/property damage, serious injury, or loss of
life if instructions are not followed.
DANGER
AC VOLTAGE
This UPS receives power from more
than one source. Disconnect all AC
sources before performing any service
or testing inside this unit
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADIUS: VENDOR STANDARD
0.00
WARNING AREA
TEXT AREA
1.50
48082
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
MULTIPLE SOURCES
48082
FULL
BC 6-10-98
REV:
1
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
87846
10-13 JE
WLM 01-14
WLM 01-14
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADUIS: VENDOR STANDARD
DANGER
Turn off and lock out all power sources.
WAIT AT LEAST FIVE (5) MINUTES
for power to dissipate, then check
voltage before servicing.
Capacitors stay charged after power
has been shut off.
Accidental contact with live parts can
cause personal injury and death.
RISK OF ELECTRIC SHOCK
57275
3.00"
WARNING AREA
TEXT AREA
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
CAPACITORS
57275
FULL
TF 11-3-04
REV:
1
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
87862
10-13 JE
WLM 01-14
WLM 01-14
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADUIS: VENDOR STANDARD
DANGER
ATTENDRE AU MOINS (5) MINUTES
pour laisser décharger les condensateurs,
puis vérifier la tension électrique avant
l´entretien.
Les condensateurs restent chargés après
coupure de l´alimentation. Tout contact
accidental avec des composants sous
tension électrique peut provoquer des
blessures ou la mort. Fermer et verrouiller
toutes les sources d´alimentation.
RISQUE DE CHOC ÉLECTRIQUE
90624
3.00"
WARNING AREA
TEXT AREA
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
CAPACITORS-FRENCH
90624
FULL
JEE 10-11-13
REV:
0
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
WLM 11-13
WLM 11-13
DANGER
TENSION AC
Cette UPS est alimentée par plus d´une
source. Débrancher toutes les sources
AC avant d´effectuer des entretiens ou
des tests à l´intérieur de cette unité.
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADIUS: VENDOR STANDARD
0.00
WARNING AREA
TEXT AREA
1.50
90630
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
MULTIPLE SOURCES-FR
90630
FULL
JEE 10-11-13
REV:
0
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
WLM 11-13
WLM 11-13
DANGER
TENSION DC
Tension DC fournie par des batteries
est encore présente après que le
matériel a été éteint et mis hors linge.
Tout contact accidentel avec des
composants sous tension peut causer
des blessures et la mort.
Débrancher toutes les sources DC
avant d´effectuer des réparations ou
des tests dans ce compartiment.
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADIUS: VENDOR STANDARD
0.00
WARNING AREA
TEXT AREA
1.625
90632
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
DC VOLTAGE-FRENCH
90632
FULL
JEE 10-14-13
REV:
0
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
WLM 11-13
WLM 11-13
FIGURE 2-1: EQUIPMENT WARNING LABELS
DANGER
DC VOLTAGE
DC Voltage supplied by batteries is still
present after equipment has been
turned off and taken off line.
Accidental contact with live parts can
cause personal injury and death.
Disconnect all DC Sources before
performing any service or testing
in this compartment.
MATERIAL - VINYL OR POLYESTER
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - L-344 OR EQUIV.
MUST RESIST OIL SOLVENTS
ALL MATERIALS USED MUST
BE UL RECOGNIZED
WARNING AREA BACKGROUND COLOR: ANSI DANGER RED
WARNING AREA TEXT COLOR: ANSI WHITE
TEXT AREA BACKGROUND COLOR: ANSI WHITE
TEXT AREA TEXT COLOR: ANSI BLACK
CORNER RADIUS: VENDOR STANDARD
0.00
WARNING AREA
TEXT AREA
1.50
43784
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECN
DATE
BY
DRAWN:
CHECKED:
APPROVED:
DANGER LABEL
DC VOLTAGE
43784
FULL
RCM 4-11-96
REV:
1
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
87846
10-13 JE
WLM 01-14
WLM 01-14
LABELS IN ENGLISH
ÉTIQUETTES EN FRANÇAIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com