Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 4 Page - Analog Devices

  ADPA1105 Datasheet HTML 1Page - Analog Devices ADPA1105 Datasheet HTML 2Page - Analog Devices ADPA1105 Datasheet HTML 3Page - Analog Devices ADPA1105 Datasheet HTML 4Page - Analog Devices ADPA1105 Datasheet HTML 5Page - Analog Devices ADPA1105 Datasheet HTML 6Page - Analog Devices ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Drain Bias Voltage (VDD1, VDD2)
55 V dc
Gate Bias Voltage (VGG1, VGG2)
−5 V to 0 V dc
Radio Frequency Input Power (RFIN)
30 dBm
Maximum Drain Bias
Pulse Width
500 μs
Duty Cycle
20%
Drain Bias Pulse Width = 100 μs at 10% Duty Cycle
Maximum Pulsed Power Dissipation (PDISS),
Base Temperature (TBASE) = 85°C, Derate
473 mW/°C Above 85°C
54.5 W
Nominal Pulsed Peak Channel Temperature,
PIN = 19 dBm, PDISS = 33.6 W at 0.9 GHz
155.9°C
Drain Bias Pulse Width = 200 μs at 20% Duty Cycle
Maximum Pulsed Power Dissipation (PDISS)
(Base Temperature (TBASE) = 85°C, Derate
355 mW/°C Above 85°C)
40.8 W
Nominal Pulsed Peak Channel Temperature
PIN = 19 dBm, PDISS = 33.6 W at 0.9 GHz1
179.7°C
Maximum Channel Temperature
200°C
Maximum Peak Reflow Temperature
260°C
Storage Temperature Range
−60°C to
+125°C
Operating Temperature Range
−40°C to +85°C
1 Worst case frequency for PDISS.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any
other conditions above those indicated in the operational section
of this specification is not implied. Operation beyond the
maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
the PCB thermal design is required.
θJC is the junction to case thermal resistance (°C/W) of the device.
Table 4. Thermal Resistance
Package Type1
θJC
Unit
CG-32-2
Drain Bias Pulse Width = 100 μs2
2.11
°C/W
Drain Bias Pulse Width = 200 μs3
2.82
°C/W
1 The θJC value was determined by measuring θJC under the following
conditions: the heat transfer is solely because of the thermal conduction
from the channel through the ground pad to the PCB, and the ground pad is
held constant at the operating temperature of 85°C.
2 At 10% duty cycle.
3 At 20% duty cycle.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA1105
Table 5. ADPA1105, 32-Lead LFCSP_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
250
1A
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com