Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices ADPA1105 Datasheet HTML 10Page - Analog Devices ADPA1105 Datasheet HTML 11Page - Analog Devices ADPA1105 Datasheet HTML 12Page - Analog Devices ADPA1105 Datasheet HTML 13Page - Analog Devices ADPA1105 Datasheet HTML 14Page - Analog Devices ADPA1105 Datasheet HTML 15Page - Analog Devices ADPA1105 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 13 of 16
THEORY OF OPERATION
The ADPA1105 is a GaN power amplifier that delivers 46 dBm
(40 W) of pulsed power. The device consists of two cascaded
gain stages. A simplified view of this architecture is shown in
the basic block diagram in Figure 49.
The ADPA1105 has single-ended RFIN and RFOUT ports that
are dc blocked. The impedances of these ports are nominally
50 Ω over the 0.9 GHz to 1.6 GHz operating frequency range.
Consequently, the ADPA1105 can be directly inserted into a
50 Ω system without the need for external impedance matching
components or ac coupling capacitors.
The pulsed bias voltages applied to the VDD1 and VDD2 pins bias
the drains of the first and second gain stages, respectively (a single
common supply voltage must be used). The negative dc voltages
applied to the VGG1 and VGG2 pins bias the gates of the first and
second gain stages, respectively, to allow control of the drain
currents for each stage (a single common gate voltage must
be used).
The recommended dc biasing results in a typical pulsed RF
output power and PAE of 46 dBm and 60%, respectively, at
1.5 GHz when the input power is 19 dBm.
A portion of the RF output signal is directionally coupled to a
diode to detect the RF output power. When the diode is dc biased,
the diode rectifies the RF power and makes the RF power
available for measurement as a dc voltage at the VDET pin. A
symmetrical diode circuit that is not coupled to the RF output,
which contains a dc voltage output at the VREF pin, is referenced
to accomplish temperature compensation. The difference of
VREF − VDET provides a temperature compensated signal that
is proportional to the RF output.
RFIN
RFOUT
VDD1
VDD2
VGG1
VGG2
VREF
VDET
DIRECTIONAL
COUPLER
Figure 49. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com