Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA1105 Datasheet HTML 3Page - Analog Devices ADPA1105 Datasheet HTML 4Page - Analog Devices ADPA1105 Datasheet HTML 5Page - Analog Devices ADPA1105 Datasheet HTML 6Page - Analog Devices ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices ADPA1105 Datasheet HTML 10Page - Analog Devices ADPA1105 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 7 of 16
48
39
0.9
1.6
FREQUENCY (GHz)
40
41
42
43
44
45
46
47
1.01.1
1.21.3
1.41.5
21dBm
20dBm
19dBm
18dBm
17dBm
16dBm
15dBm
Figure 13. Output Power (POUT) vs. Frequency at Various PIN Levels
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
21dBm
20dBm
19dBm
18dBm
17dBm
16dBm
15dBm
Figure 14. PAE vs. Frequency at Various PIN Levels
47
38
0.9
1.6
FREQUENCY (GHz)
39
40
41
42
43
44
45
46
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 15. POUT vs. Frequency at Various Temperatures, PIN = 16 dBm
35
0
5
10
15
20
25
30
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
21dBm
20dBm
19dBm
18dBm
17dBm
16dBm
15dBm
Figure 16. Gain vs. Frequency at Various PIN Levels
47
40
0.9
1.6
FREQUENCY (GHz)
41
42
43
44
45
46
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 17. POUT vs. Frequency at Various Temperatures, PIN = 19 dBm
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 18. PAE vs. Frequency at Various Temperatures, PIN = 16 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com