Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA1105 Datasheet HTML 4Page - Analog Devices ADPA1105 Datasheet HTML 5Page - Analog Devices ADPA1105 Datasheet HTML 6Page - Analog Devices ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices ADPA1105 Datasheet HTML 10Page - Analog Devices ADPA1105 Datasheet HTML 11Page - Analog Devices ADPA1105 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 8 of 16
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 19. PAE vs. Frequency at Various Temperatures, PIN = 19 dBm
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
18
20
22
24
26
28
30
Figure 20. Gain vs. Frequency at Various Temperatures, PIN = 16 dBm
47
40
41
42
43
44
45
46
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
50V
45V
40V
Figure 21. POUT vs. Frequency at Various Supply Voltages, PIN = 16 dBm,
IDQ = 400 mA
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
18
20
22
24
26
28
30
Figure 22. Gain vs. Frequency at Various Temperatures, PIN = 19 dBm
47
40
41
42
43
44
45
46
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
50V
45V
40V
Figure 23. POUT vs. Frequency at Various Supply Voltages, PIN = 19 dBm,
IDQ = 400 mA
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
50V
45V
40V
Figure 24. PAE vs. Frequency at Various Supply Voltages, PIN = 16 dBm,
IDQ = 400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com