Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1105 Datasheet HTML 1Page - Analog Devices ADPA1105 Datasheet HTML 2Page - Analog Devices ADPA1105 Datasheet HTML 3Page - Analog Devices ADPA1105 Datasheet HTML 4Page - Analog Devices ADPA1105 Datasheet HTML 5Page - Analog Devices ADPA1105 Datasheet HTML 6Page - Analog Devices ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, supply voltage (VDD) = 50 V, IDQ = 400 mA, pulse width = 100 μs, 10% duty cycle, and frequency range = 0.9 GHz to 1.4 GHz, unless
otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.9
1.4
GHz
GAIN
Small Signal Gain
32
34.5
dB
Gain Flatness
±0.5
dB
RETURN LOSS
Input
16
dB
Output
9
dB
POWER
Output Power (POUT)
Input Power (PIN) = 19 dBm
44
46
dBm
Power Gain
PIN = 19 dBm
25
27
dB
PAE
PIN = 19 dBm
60
%
TARGET QUIESCENT CURRENT
IDQ
400
mA
Adjust the gate control voltage (VGG1, VGG2) to be between −4 V
and 0 V to achieve an IDQ = 400 mA typical value
TA = 25°C, VDD = 50 V, IDQ = 400 mA, pulse width = 100 μs, 10% duty cycle, and frequency range = 1.4 GHz to 1.6 GHz, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1.4
1.6
GHz
GAIN
Small Signal Gain
30.5
32.5
dB
Gain Flatness
±0.9
dB
RETURN LOSS
Input
11
dB
Output
14
dB
POWER
POUT
PIN = 19 dBm
44
46
dBm
Power Gain
PIN = 19 dBm
25
27
dB
PAE
PIN = 19 dBm
57
%
TARGET QUIESCENT CURRENT
IDQ
400
mA
Adjust the gate control voltage (VGG1, VGG2) to be between
−4 V and 0 V to achieve an IDQ = 400 mA typical value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com