Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices ADPA1105 Datasheet HTML 10Page - Analog Devices ADPA1105 Datasheet HTML 11Page - Analog Devices ADPA1105 Datasheet HTML 12Page - Analog Devices ADPA1105 Datasheet HTML 13Page - Analog Devices ADPA1105 Datasheet HTML 14Page - Analog Devices ADPA1105 Datasheet HTML 15Page - Analog Devices ADPA1105 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 12 of 16
45
0
–6
24
PIN (dBm)
5
10
15
20
25
30
35
40
–1
4
9
14
19
1.6GHz
1.5GHz
1.4GHz
1.3GHz
1.2GHz
1.1GHz
1.0GHz
0.9GHz
Figure 43. PDISS vs. PIN, Drain Bias Pulse Width = 100 μs
at 10% Duty Cycle, TBASE = 85°C
45
0
–6
24
PIN (dBm)
5
10
15
20
25
30
35
40
–1
4
9
14
19
1.6GHz
1.5GHz
1.4GHz
1.3GHz
1.2GHz
1.1GHz
1.0GHz
0.9GHz
Figure 44. PDISS vs. PIN, Drain Bias Pulse Width = 20 μs
at 2% Duty Cycle, TBASE = 85°C
10
1
0.1
0.01
25
43
OUTPUT POWER (dBm)
27
29
31
33
35
37
39
41
+85°C
+25°C
–40°C
Figure 45. Detector Voltage (VREF − VDET) vs. Output Power for
Various Temperatures at 1.2 GHz
45
0
–6
24
PIN (dBm)
5
10
15
20
25
30
35
40
–1
4
9
14
19
1.6GHz
1.5GHz
1.4GHz
1.3GHz
1.2GHz
1.1GHz
1.0GHz
0.9GHz
Figure 46. PDISS vs. PIN, Drain Bias Pulse Width = 200 μs
at 20% Duty Cycle, TBASE = 85°C
45
0
–6
24
PIN (dBm)
5
10
15
20
25
30
35
40
–1
4
9
14
19
1.6GHz
1.5GHz
1.4GHz
1.3GHz
1.2GHz
1.1GHz
1.0GHz
0.9GHz
Figure 47. PDISS vs. PIN, Drain Bias Pulse Width = 50 μs
at 5% Duty Cycle, TBASE = 85°C
550
–50
VGG1 AND VGG2 (V)
0
50
100
150
200
250
300
350
500
450
400
Figure 48. IDQ vs. VGG1 and VGG2, VDD1 and VDD2 = 50 V,
Representative of a Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com