Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1105 Datasheet HTML 1Page - Analog Devices ADPA1105 Datasheet HTML 2Page - Analog Devices ADPA1105 Datasheet HTML 3Page - Analog Devices ADPA1105 Datasheet HTML 4Page - Analog Devices ADPA1105 Datasheet HTML 5Page - Analog Devices ADPA1105 Datasheet HTML 6Page - Analog Devices ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
46 dBm (40 W), 0.9 GHz to 1.6 GHz,
GaN Power Amplifier
Data Sheet
ADPA1105
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output power with PIN = 19 dBm: 46 dBm typical
Small signal gain: 34.5 dB typical at 0.9 GHz to 1.4 GHz
Power gain with PIN = 19 dBm: 27 dB typical
Bandwidth: 0.9 GHz to 1.6 GHz
PAE with PIN = 19 dBm: 60% typical at 0.9 GHz to 1.4 GHz
Supply voltage: VDD = 50 V at 400 mA on 10% duty cycle
32-Lead, 5 mm × 5 mm, LFSCP_CAV package
APPLICATIONS
Weather radar
Marine radar
Military radar
FUNCTIONAL BLOCK DIAGRAM
17
1
3
4
2
GND
NC
NC
RFIN
5
6
RFIN
GND
7
NC
8
GND
GND
18 NC
19 GND
20 RFOUT
21 RFOUT
22 NC
23 NC
24 GND
ADPA1105
PACKAGE
BASE
GND
Figure 1.
GENERAL DESCRIPTION
The ADPA1105 is a gallium nitride (GaN), broadband power
amplifier that delivers 46 dBm (40 W) with 60% typical power
added efficiency (PAE) across a bandwidth of 0.9 GHz to
1.4 GHz. The ADPA1105 provides ±0.5 dB gain flatness across
a bandwidth of 0.9 GHz to 1.4 GHz.
The ADPA1105 is ideal for pulsed applications such as wireless
infrastructure, radar, public mobile radio, and general-purpose
amplifications.
The ADPA1105 comes in a 32-lead, lead frame chip scale
package, premolded cavity (LFCSP_CAV).


Similar Part No. - ADPA1105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADPA1106-EVALZ AD-ADPA1106-EVALZ Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADPA1106ACGZN AD-ADPA1106ACGZN Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADPA1106ACGZN-R7 AD-ADPA1106ACGZN-R7 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
More results

Similar Description - ADPA1105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
logo
Transcom, Inc.
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2813-SM QORVO-TGA2813-SM Datasheet
553Kb / 15P
3.1 to 3.6 GHz 100 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
logo
WOLFSPEED, INC.
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com