Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 5 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT3960
5
Rev. A
For more information www.analog.com
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Transceiver Timing
fSCL
SCL Clock Frequency (Notes 5,6)
l
0
400
kHz
tPI2CBD
I2C to I2CAN Dominant Propagation Delay
(Figure 2, Figure 3)
VCC = 3.3V
l
45
80
130
ns
VCC = 5V
l
45
75
115
ns
tPI2CBR
I2C to I2CAN Recessive Propagation Delay
(Figure 2, Figure 3)
VCC = 3.3V
l
80
120
170
ns
VCC = 5V
l
60
90
120
ns
tPBI2CD
I2CAN Dominant to I2C Propagation Delay
(Figure 2, Figure 3)
VCC = 3.3V
l
25
40
65
ns
VCC = 5V
l
25
40
65
ns
tPBI2CR
I2CAN Recessive to I2C Propagation Delay
(Figure 2, Figure 3)
VCC = 3.3V
l
25
45
80
ns
VCC = 5V
l
20
35
60
ns
tTO;CAN
I2CAN Dominant Timeout Time
(Figure 2, Figure 4)
l
0.5
1.5
2
ms
tEN;I2C
I2C Driver Enable from Shutdown
VCC = 3.3V or 5V (Figure 2, Figure 5)
l
40
µs
tEN;CAN
I2CAN Driver Enable from Shutdown
VCC = 3.3V or 5V (Figure 2, Figure 6)
l
40
µs
tSHDN;I2C
Time to Shutdown, I2C
(Figure 2, Figure 5)
l
500
ns
tSHDN;CAN
Time to Shutdown, I2CAN
(Figure 2, Figure 6)
l
500
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VCC = 3.3V, Figure 2 applies with RPU = 4.99k, RL = 60Ω,
EN/MODE = VCC, TYP values unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3960E is guaranteed to meet specified performance
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3960J is guaranteed to meet
performance specifications over the full –40°C to 150°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 3: The LT3960 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature is active. Continuous operating above the specified
maximum operating junction temperature may impair device reliability.
Note 4: Pin capacitance given for reference only and is not tested in
production.
Note 5: Rise and fall times are measured at 30% and 70% levels.
Note 6: Maximum SCL clock frequency will be affected by delays through
the twisted-pair interface and I/O circuitry of other devices on the bus.
These delays may limit the operation frequency to below the LT3960
maximum specification.
Note 7: The LT3960 does not support clock stretching. SCL should not be
pulled low by slave devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com