Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT3960
10
Rev. A
For more information www.analog.com
TEST CIRCUITS
RL/2
30.1
1%
RL/2
30.1
1%
RL/2
30.1
1%
RL/2
30.1
1%
1µF
RPU
4.99k
RPU
4.99k
LT3960
VIN
EN/MODE
VCC
SDA
SCL
GND
VCC
SDA
SCL
VCC
5V
CANSDAH
CMSDA
CANSDAL
2.2µF
3960 F01
CANSCLH
CMSCL
CANSCLL
CANSDAH
CANSDAL
CANSCLH
CANSCLL
RL/2
30.1
1%
RL/2
30.1
1%
CL
100pF
RL/2
30.1
1%
RL/2
30.1
1%
1µF
15pF
15pF
4.7nF
CL
100pF
4.7nF
RPU
1k
RPU
1k
LT3960
VIN
EN/MODE
VCC
SDA
SCL
GND
VCC
SDA
SCL
VCC
5V
CANSDAH
CANSDAL
CANSDAH
CANSDAL
2.2µF
3960 F02
CANSCLH
CANSCLL
CANSCLH
CANSCLL
CMSDA
CMSCL
Figure 1. All Electrical Characteristic Measurements
Figure 2. All Switching Characteristic Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com