Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT3960
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
CAN to I2C Recessive Propagation
vs Temperature
EN/MODE Shutdown Thresholds
vs Temperature (VCC = 3.3V, 5V)
EN/MODE Current vs Temperature
(VEN/MODE = 0.35V)
VIN Shutdown Current
vs Temperature
VIN Quiescent Current
vs Temperature
VCC vs Temperature (Various VIN)
VCC vs Current (Various VIN)
VCC UVLO vs Temperature
VCC Current Limit vs VIN
TA = 25°C, VCC = 3.3V, RPU = 60Ω unless otherwise noted.
DOMINANT
RECESSIVE
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
60
70
80
90
100
110
120
3960 G10
RISING
FALLING
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
350
400
450
500
550
600
650
700
750
800
850
900
3960 G11
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
3960 G12
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
12
14
16
18
20
22
24
3960 G13
VIN = 12V
VCC = EN = 5V
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
100
110
120
130
140
150
160
170
180
190
200
210
220
3960 G14
ICC = 1mA
VIN = 12V
VIN = 24V
VIN = 48V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.0
3.1
3.2
3.3
3.4
3.5
3.6
CC
IN
3960 G15
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 48V
VCC CURRENT (mA)
0 15 30 45 60 75 90 105 120 135 150
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
CC
IN
3960 G16
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.66
2.68
2.70
2.72
2.74
2.76
2.78
2.80
CC
3960 G17
VIN (V)
0 5 10 15 20 25 30 35 40 45 50 55 60
0
20
40
60
80
100
120
140
160
VCC Current Limit vs VIN
3960 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com