Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices LTC4331 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LT3960
16
Rev. A
For more information www.analog.com
±8kV ESD Protection
The LT3960 features robust ESD protection. All I2CAN
interface pins (CANSCLH, CANSCLL, CANSDAH,
CANSDAL) are protected to ±8kV HBM with respect to
GND, powered or unpowered and all other pins are pro-
tected to 2kV HBM to ensure reliable operation in severe
environmental conditions. For applications where greater
ESD protection of interface pins is needed, a simple net-
work providing IEC 61000-4-2 Level 4 ESD protection is
shown in the Typical Application section.
±36V Extended Common-Mode Range
The LT3960 receiver features an extended common
mode range of -36V to 36V when operating from a 5V
VCC and -25V to 25V when operating from a 3.3V VCC.
The wide common mode increases the reliability of oper-
ation in environments with electrical noise or local ground
potential differences due to ground loops. This extended
common mode range allows the LT3960 to conduct I2C
communication in environments inhospitable to standard
I2C, such as between two distant PCBs in an automobile.
I2CAN Driver
When the SCL or SDA pin is asserted low by external
I2C device and the conditions are met (whether by mode
selection or bidirectional arbitration) to propagate this
data from I2C to CAN, the I2CAN driver asserts the dom-
inant state on the corresponding bus lines; the CANxH
driver pulls high and the CANxL driver pulls low. When the
SCL or SDA pin is high under these same conditions, the
I2CAN driver is in the recessive state; both the CANxH and
CANxL drivers are in the high impedance state and the bus
termination resistor equalizes the voltage on CANxH and
CANxL. In the recessive state, the impedance on CANxH
and CANxL is determined by the receiver input resistance,
RIN. When EN/MODE is low or the VCC is in UVLO, the
LT3960 is in shutdown; all I2CAN drivers are in the high
impedance state, and the receiver input resistance RIN is
disconnected from the bus by a FET switch.
Transmit Dominant Timeout Function
Both transceivers in the LT3960 include a 1.5ms (typical)
timer to limit the time that driver can hold the I2CAN bus
in the dominant state. For example, if the SCL line is held
low in Master Mode, a dominant state is asserted on the
CANSCL bus until the timer expires, after which the driver
releases the bus to a recessive state. The timer is reset
when SCL is brought high.
I2CAN Driver Overvoltage, Overcurrent, and
Overtemperature Protection
The I2CAN driver outputs are protected from short cir-
cuits to any voltage within the absolute maximum range
of -40V to 40V. The maximum current on I2CAN interface
pins in a fault condition is ±150mA. The drivers include a
progressive foldback current limiting circuit that contin-
uously reduces the driver current with increasing output
fault voltage. The fault current is typically ±2mA for faults
at the absolute maximum voltages of ±40V.
The LT3960 also features thermal shutdown protection
that disables the chip in the case of excessive power
dissipation from the drivers. When the die temperature
exceeds 168 ˚ C (typical), the LT3960 is forced into shut-
down mode and the I2CAN drivers enter a high impedance
state.
Power-Up/Down Glitch-Free Outputs
The LT3960 employs an undervoltage monitoring circuit
on the VCC supply to control the activation of the trans-
ceiver circuitry. During start-up SDA, SCL, and all I2CAN
outputs are in a high impedance state until VCC reaches a
voltage sufficient to reliably operate the chip. At this point,
if EN/MODE is out of its shutdown region, the chip acti-
vates. The CANSCL and CANSDA receivers activate after
a short delay tEN;I2C allowing SCL or SDA to follow the
state of CANSCL or CANSDA. The CANSCL and CANSDA
drivers power up in the transmit dominant timeout state
regardless of the state of SCL or SDA and remain in the
recessive state until the first high to low transition of SCL
or SDA, respectively. This assures that the LT3960 does
not disturb the I2CAN bus by glitching to the dominant
state during start-up.
During power-down, similar protection exists. When the
undervoltage detection circuit senses low supply voltage
on VCC, it immediately puts the chip into shutdown. All
I2C and I2CAN pin outputs go the high impedance state.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com