Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 1 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT3960
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
I2C to CAN-Physical Transceiver
The LT®3960 is a robust high speed transceiver that
extends a single-master I2C bus through harsh or noisy
environments at up to 400kbps using the CAN-physical
layer. One LT3960 sits near the I2C master, creating from
SCL and SDA equivalent differential buses (I2CAN) on
two twisted pairs. At the other end of the twisted pairs, a
second LT3960 recreates the I2C bus locally for any slave
I2C devices. A built-in 3.3V LDO powers both the I2C and
I2CAN buses from a single input supply from 4V to 60V.
Alternatively, the LT3960 can be powered directly from a
3.3V or 5V supply.
The LT3960 is available in a 10-lead MSOP package.
I2CAN Bus Link with Large Ground Loop Voltage
APPLICATIONS
n
Protected from Overvoltage Line Faults to ±40V
n
Up to 400kbps I2C Communications
n
4V to 60V Power Supply Range with Internal 3.3V
Regulator
n
3.3V or 5V Bus Voltage
n
Extended Common Mode Range (±36V)
n
±8kV HBM ESD on CAN Pins, ±2kV HBM ESD on
All Other Pins
n
Current Limited Drivers with Thermal Shutdown
n
Power-Up/Down Glitch Free Driver Outputs
n
Low Current Shutdown Mode
n
Transmit Data Dominant Timeout Function
n
E- and J-Grades Available
n
Available in a 10-Lead MSOP Package
n
AEC-Q100 Qualification in Progress
n
Industrial Networking
n
Automotive Networking
n
Remote Sensors
All registered trademarks and trademarks are the property of their respective owners.
120
2.2µF
10k
10k
120
120
120
2.2µF
10k 10k
LT3960
VIN
3960 TA01
VCC
SDA
SCL
EN/MODE
VCC
3.3V
CANSDAH
CANSDAL
CANSCLH
CANSCLL
GND
LT3960
VIN
VCC
SDA
SCL
EN/MODE
VCC
5V
VIN
4V TO 60V
CANSDAH
CANSDAL
CANSCLH
CANSCLL
GND
GND1
GND2
AC GROUND
LOOP ≤ 36V PEAK (VCC = 5V)
< 25V PEAK (VCC = 3.3V)
SDA
SCL
FLOAT = SLAVE
SDA
SCL
HIGH = MASTER
Receiving I2C Traffic Across ±25V
Common-Mode Differential
10µs/DIV
SDA(MASTER)
5V/DIV
SDA (SLAVE)
5V/DIV
GND1–GND2
20V/DIV
3960 TA01b
SLAVE-MODE LT3960
POWERED BY INTERNAL LDO (VCC = 3.3V)


Similar Part No. - LTC4331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
LTC4331CUFDPBF AD-LTC4331CUFDPBF Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4331CUFDTRPBF AD-LTC4331CUFDTRPBF Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTC4331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
logo
Macronix International
MX98704 MCNIX-MX98704 Datasheet
89Kb / 15P
100BASE-TX PHYSICAL DATA TRANSCEIVER
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
logo
Intel Corporation
82567 INTEL-82567 Datasheet
574Kb / 33P
GbE Physical Layer Transceiver (PHY)
logo
Texas Instruments
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
logo
Intel Corporation
82567GBE INTEL-82567GBE Datasheet
614Kb / 33P
82567 GbE Physical Layer Transceiver (PHY)
logo
ELMOS Semiconductor AG
E520.14 ELMOS-E520.14 Datasheet
978Kb / 41P
Provides four HS-CAN physical interfaces
logo
Analog Devices
LT3960 AD-LT3960_V01 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com