Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LT3960
12
Rev. A
For more information www.analog.com
OPERATION
The LT3960 is a high-speed transceiver which creates the
functional equivalent of a single-master I2C bus in the CAN
physical layer and is powered from a single wide-ranging
input voltage. Using two integrated CAN transceivers, the
LT3960 creates a differential proxy for each of the sin-
gle-ended I2C clock and data signals which is capable
of traversing harsh or noisy environments across two
twisted pairs.
Each transceiver consists of a transmitter and receiver,
capable of quickly converting a single-ended I2C domi-
nant signal into a differential dominant signal, and vice
versa. The transmitter is a current-regulated differential
driver that generates a differential voltage between the
CANxH and CANxL pins determined by drive current and
the equivalent resistive load on the CANx bus. Common-
mode voltage of the CANx bus is regulated by the trans-
mitter when driving dominant as described in the applica-
tions section. The receiver is a CAN compatible differential
receiver with a wide common-mode range of ±25V or
±36V, depending on VCC voltage.
In the simplest setup, two LT3960 devices are used
(Figure 7). The first is connected to the I2C master (micro-
controller or otherwise). The second LT3960 is connected
to the first by two twisted pairs and regenerates the I2C
bus locally for one or more I2C slave devices. The LT3960
devices transmit the clock signal in only one direction,
from master to slave. Bidirectional communication of the
data signal is always permitted.
The LT3960 contains an integrated LDO which regulates
an input from the VIN pin between 4V and 60V to 3.3V on
the VCC pin from which the transceivers and bus lines are
powered. Alternatively, the LT3960 can by powered from
a supply voltage of 3.3V or 5V on VIN, bypassing the LDO
by shorting VCC to VIN.
The EN/MODE pin is used to put the LT3960 in low power
shutdown mode and selects between Master and Slave
modes of operation when enabled. When the EN/MODE
pin is below 0.7V, (typical) the LT3960 is in shutdown
mode, disabling both the LDO and transceivers. When
VIN is powered, floating the EN/MODE pin or driving it
between 0.7V and 2.0V (typical) enables the LDO and
sets the transceiver in Slave Mode. An EN/MODE voltage
above 2.0V (typical) with VIN is powered sets the LT3960
in Master Mode.
Bidirectional communication is supported on the data
channel (SDA and CANSDA) regardless of the mode of
operation. Communication on the clock channel (SCL
and CANSCL) is unidirectional, with the direction deter-
mined by the selected mode of operation. In Slave Mode,
an LT3960 only communicates clock signals from the
CANSCL bus to the SCL bus. Any LT3960 connected to
slave I2C devices should be operated in Slave Mode. In
Master Mode, an LT3960 only communicates clock sig-
nals from the SCL bus to the CANSCL bus. The LT3960
connected to the I2C master device should always be
operated in Master Mode. Regardless of the number of
LT3960 devices tied to a I2CAN bus in a given applica-
tion, exactly one will operate in Master Mode, driving the
clock signal to the I2CAN bus and, ultimately, to all I2C
slave devices. The LT3960 does not support multi-master
I2C systems.
LT3960
VIN
3960 F07
VCC
SDA
SCL
CIRCUIT BOARD 2
CIRCUIT BOARD 1
CANSDAH
CANSDAL
CANSCLH
CANSCLL
LT3960
VIN
VCC
SDA
SCL
EN/MODE
3.3V OR 5V
4V TO 60V
CANSDAH
CANSDAL
CANSCLH
CANSCLL
SDA
SCL
SDA
SCL
DIG I/O
EN/MODE
I2C
SLAVE
µCONTROLLER
GND
GND
Figure 7. Simple Single-Slave Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com