Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LT3960
15
Rev. A
For more information www.analog.com
Supply Voltage Ranges
The LT3960 can be operated with or without using its
internal LDO. Tying VIN to VCC and powering directly from
a 3.3V or 5V supply will bypass the LDO. With a 5V supply
on VCC, transmitter common-mode voltage and receiver
common-mode input range are increased from their 3.3V
values. In this configuration, an internal comparator mon-
itors the supply voltage and switches internal reference
voltages and output drive strengths at approximately
4.1V. Operation with a supply between 3.6V and 4.5V is
not recommended, because of the discontinuity in the
internal voltages at this switch point.
When using the internal LDO to generate the 3.3V bus
supply on VCC, any VIN supply voltage between 4V and
60V is allowed. In this configuration, the switch point
mentioned above is avoided since VCC is regulated to a
fixed 3.3V.
An LT3960 operating with a VCC at 5V may share an I2CAN
bus with an LT3960 operating with VCC at 3.3V. However,
the fluctuation in common mode voltage between 1.95V
(when an LT3960 with VCC  =  3.3V is dominant) and
2.5V (when an LT3960 with VCC = 5V is dominant) may
increase electromagnetic emissions.
Master and Slave Mode Configurations
The LT3960 connected to the I2C master must be oper-
ated in Master Mode, with the EN/MODE pin driven greater
than 2.5V. When operating in Master Mode, it is recom-
mended that VCC be tied to VIN and driven from a bus
voltage of 3.3V or 5V. Additionally, EN/MODE should be
driven from a digital output pin from the I2C Master as
shown below. In this configuration, EN/MODE can be held
low until the VCC cap is fully charged.
Do not tie the EN/MODE pin directly to VCC when oper-
ating in Master Mode. With EN/MODE and VCC shorted,
every power-up sequence will set the LT3960 into slave
mode for many microseconds while the VCC capacitor
charges between the enable threshold and the Master
Mode threshold.
APPLICATIONS INFORMATION
Figure 9.
LT3960
VIN
VCC
VCC
3.3V OR 5V
BUS VOLTAGE
EN/MODE
I/O
µCONTROLLER
30k
2.2µF
3960 F09
EN
Recommended Master Mode Power Setup
An LT3960 connected to slave I2C devices must be oper-
ated in Slave Mode, with the EN/MODE pin between 0.7V
and 2V. When left floating, the EN/MODE pin will pull
up to approximately 1.2V, enabling the LT3960 and set-
ting it in Slave Mode, whenever the VIN pin is powered
above approximately 2V. It is recommended that the EN/
MODE pin be left floating for Slave Mode LT3960 devices,
regardless of whether the internal LDO is employed.
LT3960 and Standard CAN Transceivers
It should be noted that while the LT3960 uses the CAN
physical layer to conduct bidirectional I2C data, the
CANSCL and CANSDA buses created by the LT3960 are
not traditional CAN buses carrying traditional CAN data. As
such, the CANSCL and CANSDA buses between LT3960
devices cannot be shared with standard CAN transceivers
in a multidrop configuration.
±40V Fault Protection
The LT3960 provides ±40V fault protection on the
I2CAN interface pins (CANSCLH, CANSCLL, CANSDAH,
CANSDAL), allowing I2C communication in applications
where it was previously impractical. Addressing the need
the overvoltage tolerance in many industrial and auto-
motive applications, the driver outputs use a progressive
foldback current limit to protect against overvoltage faults
while still allowing high current output drive. The LT3960
is protected from ±40V faults powered or unpowered,
even in the case of VCC open or shorted to ground. When
VCC is open or shorted to GND, the transceivers are off and
the I2CAN bus pins remain in the high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com