Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SGP40-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
4/19
Figure 2 displays the typical response of the raw signal of SGP40 to various VOCs as a function of their concentrations in
otherwise clean air.
Figure 2 Typical sensor response to various VOCs normalized to
500 ppb of ethanol. Data were recorded at 25 °C and 50 % RH and
a power supply of VDD of 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com