Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SGP40-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
5/19
2 Specifications
2.1 Electrical Specifications
Table 2 lists electrical specifications of the SGP40. Default conditions of 25 °C and 3.3 V supply voltage apply to values in the
table below, unless otherwise stated. The SGP40 supports both I2C “standard-mode” and “fast-mode”.9
Parameter
Symbol
Values
Unit
Comments
Min.
Typ.
Max.
Supply voltage, hotplate supply
voltage10
VDD,
VDDH
1.7
3.3
3.6
V
Minimal voltage must be guaranteed also for the
maximum supply current specified in this table.
VDD and VDDH must be connected to the same
power supply, see Figure 5.
Idle current
IDD
–
34
105
A
The idle mode is activated after power-up, after
calling the sgp40_heater_off command, or after
a soft reset.
Supply current under operation11
–
3.5
4.0
mA
Average current consumption while the sensor
is continuously operated at VDD, VDDH = 1.8 V.
–
2.6
3.0
mA
Average current consumption while the sensor
is continuously operated at VDD, VDDH = 3.3 V.
Communication
–
Digital 2-wire interface, I2C
Table 2 Electrical specifications.
2.2 Timing Specifications
Timings in Table 3 refer to the power up and reset of the ASIC part and do not reflect the usefulness of the readings.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
–
0.4
0.6
ms
Soft reset time
tSR
After soft reset
–
0.4
0.6
ms
SCL clock frequency
fSCL
–
–
–
400
kHz
Table 3 System timing specifications.
2.3 Recommended Operating and Storage Conditions
Gas Sensing Specifications as detailed in Table 1 are guaranteed only when the sensor is stored and operated under the
recommended conditions as specified in Table 4 and displayed in Figure 3 and Figure 4. Prolonged exposure to conditions
outside these conditions may reduce sensor performance. The sensor must not be exposed towards condensing conditions (i.e.,
>90 % relative humidity) at any time.
9
http://www.nxp.com/documents/user_manual/UM10204.pdf
10
Any supply voltage as defined by the min./max. range may be used for continuous operation of the sensor. The typical value specifies the supply voltage at which outgoing
quality control is performed.
11
Sending the sgp40_measure_raw command enables continuous operation of the sensor. A 20 % higher current is drawn during 5 ms on VDDH after entering the measurement
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com