Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
7/19
Parameter
Rating
Supply voltage
VDD
−0.3 to +3.6 V
Supply voltage
VDDH
−0.3 to +3.6 V
Short-term storage temperature range12
−40 to +70 °C
Operating temperature range
−20 to +55 °C
Short-term storage humidity range12
0 to 80 % (non-condensing)
Operating humidity range
0 to 90 % (non-condensing)
ESD HBM
2 kV
ESD CDM
500 V
Latch up, JESD78 Class II, 125 °C
100 mA
Table 5 Absolute minimum and maximum ratings.
2.5 Interface Specifications
The SGP40 comes in a 6-pin DFN package, see Table 6. Figure 5 shows a typical application circuit. The VDD pin must be
decoupled with an RC element. The required decoupling for VDDH depends on the power supply network connected to the sensor,
a capacitor of 1
F is recommended. VDD and VDDH must be connected to one single supply VDD. The external pull-up resistors
(e.g., Rp = 10 k) are required to pull the SDA and SCL signal lines high. For dimensioning resistor sizes please take bus
capacity and communication frequency into account (see section 7.1 of NXPs I2C Manual for more details, see footnote 9 on
page 5). It should be noted that pull-up resistors may be included in I/O circuits of microcontrollers. The die pad or center pad is
electrically connected to GND. Hence, electrical considerations do not impose constraints on the wiring of the die pad. However,
for mechanical stability it is recommended to solder the die pad to the PCB.
Pin
Name
Comments
1
VDD
Supply voltage
2
VSS
Ground
3
SDA
Serial data, bidirectional
4
n/a
Connect to ground (no electrical function)
5
VDDH
Supply voltage, hotplate
6
SCL
Serial clock, bidirectional
Table 6 Pin assignment (transparent top view). Dashed lines are only visible from the bottom.
12
Short-term storage refers to temporary conditions during, e.g., transport.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com