Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
13/19
Measure Raw Signal
Command
Subcommand
Command hex. code
Description
sgp40_measure_raw
Without humidity
compensation
0x26 0F 80 00 A2 66 66 93
This
command
starts/continues
the
VOC
measurement mode, leaves humidity compensation
disabled by sending the default values (see Table 10),
and returns the measured raw signal SRAW as 2 bytes
(+ 1 CRC byte).
With humidity
compensation
0x26 0F XX XX XX YY YY YY
This
command
starts/continues
the
VOC
measurement mode, enables humidity compensation,
and returns the measured raw signal SRAW as 2 bytes
(+ 1 CRC byte). The humidity compensation feature
requires a relative humidity XX XX XX and
temperature YY YY YY input (incl. corresponding CRC
bytes) in the format as given in Table 10.
Table 9 Description of the I2C measurement command.
Relative Humidity
Temperature
Value / %
Hex. code
Value / °C
Hex. code
Conversion into ticks
RH/ticks=RH/%×
65'535
100
T/ticks=(T/°C + 45)×
65'535
175
Default
50
0x80 00 + CRC 0xA2
25
0x66 66 + CRC 0x93
Minimum
0
0x00 00 + CRC 0x81
−45
0x00 00 + CRC 0x81
Maximum
100
0xFF FF + CRC 0xAC
130
0xFF FF + CRC 0xAC
Table 10 Conversion of relative humidity in % and temperature in °C into ticks as the input parameters of the measurement command. Note:
minimum and maximum values do not reflect the range of conditions for which the humidity compensation feature has been optimized. For
details see Table 4.
Byte number
Description
Value
0, 1
two bytes
u16 unsigned integer directly provides the raw signal SRAW in
ticks which is proportional to the logarithm of the resistance of the
sensing element.
2
CRC byte for bytes 0, 1
–
Table 11 Returned values by the I2C measurement command.
Built-in Self-Test
Command
Command hex. code
Description
sgp40_measure_test
0x28 0E
This command triggers the built-in self-test checking for integrity
of both hotplate and MOX material and returns the result of this
test as 2 bytes (+ 1 CRC byte).
Table 12 Description of the I2C built-in self-test command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com