Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
9/19
3 Sensor Output Signal Description
3.1 Raw Signal Measurement
Calling the sgp40_measure_raw command launches/continues the VOC measurement mode. It starts one measurement of the
raw signal (SRAW) which is returned after 30 ms. Raw signal value in ticks is provided as one 16-bit word followed by one CRC
byte (Figure 6). The raw signal in ticks is proportional to the logarithm of the sensor resistance. This signal is used as input for
Sensirion’s VOC Algorithm to provide a processed VOC Index (see section 3.2 VOC Index Measurement).
Figure 6 Process flow for performing a raw signal measurement with the SGP40. For enabling on-chip humidity compensation,
current relative humidity and temperature values have to be supplied as part of the measurement command.
The SGP40 features an automatic on-chip humidity compensation of the raw signal. The feature remains disabled as long as
default values for both humidity and temperature are sent together with the sgp40_measure_raw command. For enabling the
compensation, the measurement command includes two words (+ respective CRC bytes) where the first word represents the
relative humidity and the second one represents the temperature. Calling the sgp40_heater_off command stops the VOC
measurement mode, switches off the hotplate, and puts the sensor in idle mode.
3.2 VOC Index Measurement
For best performance in indoor-air-quality use cases, Sensirion recommends processing the (humidity-compensated) raw signal
SRAW through Sensirion’s powerful VOC Algorithm. The VOC Algorithm (Figure 7) automatically adapts its output to any indoor
environment and maps all VOC events to a VOC Index scale ranging from 0 to 500 VOC Index points (Figure 8). The value 100
refers to the typical indoor gas composition over the past 24 h. While values between 100 and 500 indicate a deterioration,
values between 0 and 100 inform about improvement of the air quality. The VOC Algorithm is included in the VOC Index driver
package available on Sensirion’s webpage (see footnote 1 on page 3). SGP40 raw signal needs to be provided to the VOC
Algorithm at a sampling rate of 1 Hz.
Figure 7 Schematic of the VOC Index driver.
Figure 8 Explanation of the VOC Index.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com