Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
6/19
Condition
Parameter
Min.
Max.
Unit
Operating conditions
Relative humidity
0
90
% RH
Temperature
−10
50
°C
Operating conditions of
humidity compensation
Humidity
1.5 (−13)
–
30 (+31)
90
(the smaller)
g m−3 (°C dew point)
or
% RH
Temperature
−10
50
°C
Storage conditions
Relative humidity
0
80
% RH
Temperature
5
30
°C
Table 4 Recommended humidity and temperature conditions for storing and operating the SGP40. Dew point refers to maximum humidity
allowed at minimum and maximum temperature, respectively.
Figure 3 Recommended relative humidity and temperature for
operating the SGP40. Green area marks conditions for which
humidity compensation has been optimized. Additionally, gray areas
mark operating conditions without using the humidity compensation
feature.
Figure 4 Recommended relative humidity and temperature for
storing the SGP40.
To ensure an optimal performance of the SGP40, Handling and Assembly Instructions for SGPxx Gas Sensors as well as the
Design-in Guide for Integrating SGP4x Gas Sensors need to be followed.
2.4 Absolute Minimum and Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device. Exposure to minimum/maximum
rating conditions for extended periods may affect sensor performance and reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com