Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP40-D-R4 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
10/19
3.3 Built-in Self-Test
With the sgp40_measure_test command, users can perform an on-chip self-test for, e.g., in-line or end-of-line production testing.
If this command is called when the sensor is in idle mode, the sensor returns to idle mode after the test (Figure 9). In case this
command is called during VOC measurement mode (i.e., after calling the sgp40_measure_raw command), the hotplate remains
switched on thereafter. After 250 ms, the master can read a fixed data pattern (1 word + CRC byte) to check if the test was
successful or not.
Figure 9 Possible ways of integrating the built-in self-test function.
3.4 Sensor Start-up Behavior
The sensor starts powering-up after reaching the power-up threshold voltage of 1.7 V and enters idle mode after max. 0.6 ms.
In this state, the sensor is ready to receive commands from the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com