Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 6Page - Analog Devices LTM4656 Datasheet HTML 7Page - Analog Devices LTM4656 Datasheet HTML 8Page - Analog Devices LTM4656 Datasheet HTML 9Page - Analog Devices LTM4656 Datasheet HTML 10Page - Analog Devices LTM4656 Datasheet HTML 11Page - Analog Devices LTM4656 Datasheet HTML 12Page - Analog Devices LTM4656 Datasheet HTML 13Page - Analog Devices LTM4656 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM4656/LTM4656-1
10
Rev. 0
For more information www.analog.com
IN-LINE PROTECTION SECTION
ReferringtotheBlockDiagram,theinputvoltageisapplied
to VIN. The power MOSFET MIN is controlled by a charge
pump high side drive that is slowly turned on after the
SHDN pin is either pulled up to VIN or driven from an open
collectordriveratedtoVIN.TheUVpinhasaninternal100k
resistor to VIN that can be used with an external resistor
to ground to set a UVLO trip point for VIN. This is valuable
to limit turn-on to a specific input voltage level. When
both the SHDN and UV pin thresholds are met, then the
gate voltage begins to ramp up at a control rate and the
MIN source pin will follow. Gate turn-on time is ~10ms.
The RSENSE in series with this path monitors the current
going to the boost converter. The LTM4656 monitors the
voltage drop between the SENSE1 and BVINpinstoprotect
against overcurrent faults. An internal amplifier limits the
voltage across the internal 4mΩ current sense resistor
to 50mV. This is reduced to 25mV in a severe fault when
BVIN is below 2V. In this fault condition, a timer is started
inversely proportional to MOSFET stress. Before the timer
expires,theFLTpinpullslowtowarnofanimpendingpower
down. If the condition persists, the MOSFET is turned off,
and restarts after a cooldown period. BVIN needs at least
100µF capacitance to service proper current limit level to
eliminate any overtemperature timeout oscillations.
FAULT TIMER SECTION
A 0.01µF capacitor is connected internal to the TMR pin
and ground to set the times for early fault warning, fault
turn-off, and cooldown periods. This capacitor is selected
to assure the MIN MOSFET is turn-off fast enough. The
TMRchargingcurrentincreaseslinearlyfrom8µAwithVDS
< 0.5V to 120µA with VDS = 40V. VDS is inferred from the
drop across VIN and SENSE1. See Figure 1. The current
charging up this TMR pin during fault conditions depends
on the voltage difference across MIN MOSFET between
the VIN and SENSE1 pins. This increase in TMR current is
to assure a faster turn off during an overcurrent fault with
substantial voltage across the MIN MOSFET. This turn-off
time is correlated with the MIN MOSFET SOA capability to
APPLICATIONS INFORMATION
assure the MOSFET can handle this power dissipation for
that period of time. When TMR reaches 1.275V, the FLT
pin pulls low to indicate the detection of a fault condition.
If the condition persists, the pass transistor turns off when
TMRreachesthethresholdof1.375V.A2µAcurrentsource
then continues to pull the TMR up. When TMR reaches
4.3V, the 2µA current reverses direction and starts to pull
the TMR pin low. When TMR reaches the retry threshold
of 0.5V, the GATE pin pulls high turning back on the pass
transistor. See overcurrent fault diagram in Figure 2.
Figure 1. Overcurrent TMR Current
vs VIN – SENSE1 Voltage
VIN – SENSE1 (V)
0
–260
–220
–160
–120
–80
–40
0
4656 F01
80
70
60
50
20
40
10
30
TMR = 1V
Figure 2. Overcurrent Fault Time with 0.01µF
tFLT
= 90µs
TOTAL FAULT TIMER = tFLT + tWARNING
tFLT = 221µs
tWARNING
= 20µs
tWARNING
= 8µs
VTMR(V)
VDS = 12V
ITMR = 35µA
CTMR = 0.01µF
1.375
1.275
0.50
TIME
4656 F02
VDS = 28V
ITMR = 120µA
CTMR = 0.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com