| Electronic Components Datasheet Search |
|
LTM4656 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTM4656 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 28 page ![]() LTM4656/LTM4656-1 17 Rev. 0 For more information www.analog.com APPLICATIONS INFORMATION Thermal Considerations and Output Current Derating The thermal resistances reported in the Pin Configura- tion section of the data sheet are consistent with those parameters defined by JESD51-9 and are intended for use with finite element analysis (FEA) software modeling tools that leverage the outcome of thermal modeling, simulation, and correlation to hardware evaluation per- formed on a µModule package mounted to a hardware test board—also defined by JESD51-9 (Test Boards for Area Array Surface Mount Package Thermal Measurements). The motivation for providing these thermal coefficients is found in JESD51-12 (Guidelines for Reporting and Using Electronic Package Thermal Information). Many designers may opt to use laboratory equipment and a test vehicle such as the demo board to anticipate the µModule regulator’s thermal performance in their ap- plication at various electrical and environmental operating conditions to compliment any FEA activities. Without FEA software, the thermal resistances reported in the Pin Con- figuration section are in-and-of themselves not relevant to providing guidance of thermal performance; instead, the derating curves provided in the data sheet can be used in a manner that yields insight and guidance pertaining to one’s application usage, and can be adapted to correlate thermal performance to one’s own application. The Pin Configuration section typically gives four thermal coefficients explicitly defined in JESD 51-12; these coef- ficients are quoted or paraphrased below: θJA, the thermal resistance from junction-to-ambient, is the natural convection junction-to-ambient air thermal resistance measured in a one cubic foot sealed enclosure. This environment is sometimes referred to as “still air” although natural convection causes the air to move. This value is determined with the part mounted to a JESD 51-9 defined test board, which does not reflect an actual application or viable operating condition. θJCbottom,thethermalresistancefromjunction-to-ambient, is the natural convection junction-to-ambient air thermal resistance measured in a one cubic foot sealed enclosure. This environment is sometimes referred to as “still air” although natural convection causes the air to move. This value is determined with the part mounted to a JESD 51-9 defined test board, which does not reflect an actual ap- plication or viable operating condition. θJCtop, the thermal resistance from junction-to-top of the productcase,isdeterminedwithnearlyallofthecomponent power dissipation flowing through the top of the package. As the electrical connections of the typical µModule are on the bottom of the package, it is rare for an application to operate such that most of the heat flows from the junc- tion to the top of the part. As in the case of θJCbottom, this value may be useful for comparing packages but the test conditions don’t generally match the user’s application. θJB, the thermal resistance from junction to the printed circuit board, is the junction-to-board thermal resistance where almost all of the heat flows through the bottom of the µModule and into the board, and is really the sum of the θJCbottom and the thermal resistance of the bottom of the part through the solder joints and through a portion of the board. The board temperature is measured at a specified distance from the package, using a two-sided, two-layer board. This board is described in JESD 51-9. Figure 8. Graphical Representation of JESD51-12 Thermal Coefficients 4656 F08 µModule DEVICE JUNCTION-TO-CASE (TOP) RESISTANCE JUNCTION-TO-BOARD RESISTANCE JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD) CASE (TOP)-TO-AMBIENT RESISTANCE BOARD-TO-AMBIENT RESISTANCE JUNCTION-TO-CASE (BOTTOM) RESISTANCE JUNCTION At CASE (BOTTOM)-TO-BOARD RESISTANCE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |