Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 3 Page - Analog Devices

  LTM4656 Datasheet HTML 1Page - Analog Devices LTM4656 Datasheet HTML 2Page - Analog Devices LTM4656 Datasheet HTML 3Page - Analog Devices LTM4656 Datasheet HTML 4Page - Analog Devices LTM4656 Datasheet HTML 5Page - Analog Devices LTM4656 Datasheet HTML 6Page - Analog Devices LTM4656 Datasheet HTML 7Page - Analog Devices LTM4656 Datasheet HTML 8Page - Analog Devices LTM4656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4656/LTM4656-1
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2), VIN = 12, VBIAS = BVIN, SHDN = VIN per the typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Section
VIN
Input DC Voltage
Note 4
l
4.5
28
V
VOUT(RANGE)
Output Voltage Range
Note 4, VIN = 5V for 6V output
l
6
36
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
RFB = 11.5k, MODE_PLLIN = INTVCC
VIN = 12V, IOUT = 0A to 4A
l
23.52
24
24.48
V
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 24V, MODE_PLLIN = INTVCC
VIN = 12V, VOUT = 24V, MODE/PLLIN = GND
Shutdown, SDHN = 0, VIN = 12V
1.7
76
230
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 24V, IOUT = 4A
8
A
IINRUSH(VIN)
Input Inrush Current at Startup
CIN = 10µF × 2, 150µF; COUT = 10µF × 2 Ceramic, 150µF
VIN = 12V, VOUT = 24V, TRACK/SS = 0.1µF
0.5
A
IOUT(DC)
Output Continuous Current Range
Note 4
VIN = 5V, VOUT = 12V (Note 4)
VIN =12V, VOUT = 24V
0
0
3.5
4
A
A
IIN Limit Range
Input Current Limit
See Typical Applications
Based on Internal 0.004 RSENSE and 50mV Trip Typical
10.6
12.5
14
A
∆VOUT(LINE)/VOUT
Line Regulation Accuracy
VOUT = 24V, VIN = 5 to 12V, IOUT = 0A
l
0.1
0.2
%/V
∆VOUT(LOAD)/VOUT
Load Regulation Accuracy
VIN = 12V, VOUT = 24V, IOUT = 0A to 4.0A
l
0.3
0.6
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 10µF Ceramic × 2, 150µF Aluminum,
VIN = 12V, VOUT = 24V
200
mV
∆VOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 10µF Ceramic × 2, 150µF Aluminum,
SS = 0.1µF, VIN = 12V, VOUT = 24V
100
mV
tSTART
Turn-On Time
IOUT = 0A, COUT = 10µF Ceramic × 2, 150µF Aluminum,
SS = 0.01µF, VIN = 12V, VOUT = 24V
1
ms
∆VOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 10µF Ceramic × 2, 150µF Aluminum,
VIN = 12V, VOUT = 24V
200
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 50% to 0% of Full Load
COUT = 10µF Ceramic × 2, 150µF Aluminum,
VIN = 12V, VOUT = 24V
200
µs
Regulator Specifics
VFB
Voltage at VFB Pin
IOUT = 0A, VIN = 12V, VOUT = 24V
l
1.180 1.200 1.220
V
IFB
Current at VFB Pin
(Note 6)
±5
±50
nA
RFBHI
Resistor Between VOUT and VFB Pins
221
SS (I)
Track Pin Soft-Start Pull-Up Current
VSS = 0V
7
10
13
µA
DCMAX
Maximum Duty Cycle
FB = 1.0V (Note 6)
96
%
VINTVCC
Internal VCC Voltage
6V < VIN < 20V
5.2
5.4
5.6
V
VINTVCC(LOAD)
INTVCC Load Regulation
ICC = 0mA to 50mA
0.5
2
%
UVLO
INTVCC UVLO Thresholds
VINTVCC Ramping Up
VINTVCC Ramping Down (Note 6)
3.6
4.3
3.8
4.5
V
V
fS
Typical Output Ripple Voltage Frequency VIN = 12V, VOUT = 24V, RfSET = Selectable
350
500
kHz
fSYNC
SYNC Frequency Range
350
780
kHz
fLOW
Lowest Frequency
RfSET = 47.5k
350
kHz
fNOM
Nominal Frequency
RfSET =68.1k
500
kHz
fHIGH
Highest Frequency
RfSET = 95.3k
750
kHz
tON(MIN)
Minimum On-Time
Note 3
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com