Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 11Page - Analog Devices LTM4656 Datasheet HTML 12Page - Analog Devices LTM4656 Datasheet HTML 13Page - Analog Devices LTM4656 Datasheet HTML 14Page - Analog Devices LTM4656 Datasheet HTML 15Page - Analog Devices LTM4656 Datasheet HTML 16Page - Analog Devices LTM4656 Datasheet HTML 17Page - Analog Devices LTM4656 Datasheet HTML 18Page - Analog Devices LTM4656 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM4656/LTM4656-1
15
Rev. 0
For more information www.analog.com
Light Load Current Operation—Burst Mode Operation,
Pulse-Skipping or Continuous Conduction
(MODE_PLLIN Pin)
The LTM4656 boost converter can be enabled to enter
high efficiency Burst Mode operation, constant-frequency
pulse-skipping mode or forced continuous conduction
mode at low load currents. To select Burst Mode opera-
tion, tie the MODE_PLLIN pin to ground. To select forced
continuous operation, tie the MODE_PLLIN pin to INTVCC.
To select pulse-skipping mode, tie the MODE_PLLIN pin to
a DC voltage greater than 1.2V and less than INTVCC–1.3V.
When the controller is enabled for Burst Mode operation,
the minimum peak current in the inductor is set to approxi-
mately 30% of the maximum sense voltage even though
the voltage on the COMP pin indicates a lower value.
If the average inductor current is higher than the required
current,theinternalerroramplifierwilldecreasethevoltage
on the COMP pin. When the COMP voltage drops below
0.425V, an internal sleep signal goes high (enabling sleep
mode) and both external MOSFETs are turned off. The
COMP pin is then disconnected from the output of the
EA and parked at 0.450V.
In sleep mode, much of the internal boost controller
circuitry is turned off and the LTM4656 draws only 50µA
of quiescent current. In sleep mode, the load current is
supplied by the output capacitor. As the output voltage
decreases,theinternalerroramplifieroutputbeginstorise.
When the output voltage drops enough, the COMP pin is
reconnectedtotheoutputoftheinternalerroramplifier,the
sleep signal goes low, and the controller resumes normal
operation by turning on the bottom external MOSFET on
the next cycle of the internal oscillator. When the controller
is enabled for Burst Mode operation, the inductor current
is not allowed to reverse. The internal reverse current
comparator (IR) turns off the top external MOSFET just
before the inductor current reaches zero, preventing it
from reversing and going negative. Thus, the controller
operates in discontinuous current operation.
APPLICATIONS INFORMATION
In forced continuous operation or when clocked by an
external clock source to use the phase-locked loop. See
the Frequency Selection and Phase-Locked Loop (FREQ
and MODE_PLLIN Pins) section, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the COMP pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than in
BurstModeoperation.However,continuousoperationhas
the advantages of lower output voltage ripple and less
interference to audio circuitry, as it maintains constant-
frequency operation independent of load current.
When the MODE_PLLIN pin is connected for pulse-
skipping mode, the LTM4656 boost converter operates
in PWM pulse-skipping mode at light loads. In this mode,
constant-frequency operation is maintained down to ap-
proximately 1% of designed maximum output current.
At very light loads, the internal current comparator may
remain tripped for several cycles and force the external
bottom MOSFET to stay off for the same number of cycles
(i.e., skipping pulses). The inductor current is not allowed
to reverse (discontinuous operation). This mode, like
forced continuous operation, exhibits low output ripple
as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
low current efficiency than forced continuous mode, but
not nearly as high as Burst Mode operation.
Frequency Selection and Phase-Locked Loop (FREQ
and MODE_PLLIN Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency operation
increasesefficiencybyreducingMOSFETswitchinglosses,
butrequireslargerinductanceand/orcapacitancetomain-
tain low output ripple voltage. The switching frequency
of the LTM4656 boost controllers can be selected using
the FREQ pin. If the MODE_PLLIN pin is not being driven
by an external clock source, the FREQ pin can be tied to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com