Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 15Page - Analog Devices LTM4656 Datasheet HTML 16Page - Analog Devices LTM4656 Datasheet HTML 17Page - Analog Devices LTM4656 Datasheet HTML 18Page - Analog Devices LTM4656 Datasheet HTML 19Page - Analog Devices LTM4656 Datasheet HTML 20Page - Analog Devices LTM4656 Datasheet HTML 21Page - Analog Devices LTM4656 Datasheet HTML 22Page - Analog Devices LTM4656 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM4656/LTM4656-1
19
Rev. 0
For more information www.analog.com
Figure 15. LTM4656 12VIN 24VOUT
550kHz no HS
Figure 16. LTM4656 12VIN 36VOUT
650kHz no HS
Figure 17. LTM4656 24VIN 36VOUT
650kHz no HS
Figure 9. Power Loss vs Load
Current 5VIN Based on LTM4656
Figure 10. Power Loss vs Load
Current 12VIN Based on LTM4656
Figure 11. Power Loss vs Load
Current 24VIN Based on LTM4656
Figure 12. LTM4656 5VIN 12VOUT
400kHz no HS
Figure 13. LTM4656 5VIN 24VOUT
500kHz no HS
Figure 14. LTM4656 5VIN 36VOUT
500kHz no HS
APPLICATIONS INFORMATION
0.0
6
5
4
3
2
1
0
4656 F09
6.0
5.0
4.0
3.0
2.0
1.0
LOAD CURRENT (A)
8VOUT, 300kHz
12VOUT, 400kHz
24VOUT, 450kHz
36VOUT, 500kHz
6
5
4
3
2
1
0
4656 F10
0.0
6.0
5.0
4.0
3.0
2.0
1.0
20VOUT, 500kHz
24VOUT, 550kHz
36VOUT, 650kHz
LOAD CURRENT (A)
0.0
6
5
4
3
2
1
0
4656 F11
1.0
2.0
3.0
4.0
5.0
6.0
28VOUT, 450kHz
36VOUT, 650kHz
LOAD CURRENT (A)
0
4.0
3.5
2.0
2.5
3.0
1.5
1.0
0.5
0
4656 F12
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM
0
1.6
1.4
0.8
1.0
1.2
0.6
0.4
0.2
0
4656 F13
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM
0
0.8
1.0
1.2
0.6
0.4
0.2
0
4656 F14
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM
0
4.5
3.5
4.0
2.0
2.5
3.0
1.5
1.0
0.5
0
4656 F15
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM
0
2.0
2.5
3.0
1.5
1.0
0.5
0
4656 F16
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM
0
4
5
6
3
2
1
0
4656 F17
20
40
60
TAMB (C)
80
100
120
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com