Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 17Page - Analog Devices LTM4656 Datasheet HTML 18Page - Analog Devices LTM4656 Datasheet HTML 19Page - Analog Devices LTM4656 Datasheet HTML 20Page - Analog Devices LTM4656 Datasheet HTML 21Page - Analog Devices LTM4656 Datasheet HTML 22Page - Analog Devices LTM4656 Datasheet HTML 23Page - Analog Devices LTM4656 Datasheet HTML 24Page - Analog Devices LTM4656 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4656/LTM4656-1
21
Rev. 0
For more information www.analog.com
• Do not put via directly on the pad, unless they are
capped or plated over.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to GND underneath the unit.
• For parallel modules, tie the VFB, COMP,SS, and SDHN
pins together. Use an internal layer to closely connect
these pins together. The TRACK pin can be tied a com-
mon capacitor for regulator soft-start.
• Bring out test points on the signal pins for monitoring.
Figure18givesagoodexampleoftherecommendedlayout.
the difference of 40°C divided by 4.48W equals a 9°C/W
θJA thermal resistance. Table 2 specifies a 10°C/W value
which is very close. Table 2, Table 3, and Table 4 provide
equivalent thermal resistances for 12V, 24V and 36V out-
putswithandwithoutairflowandheatsinking.Thederived
thermal resistances in Table 2 to Table 4 for the various
conditions can be multiplied by the calculated power loss
asafunctionofambienttemperaturetoderivetemperature
rise above ambient, thus maximum junction temperature.
Room temperature power loss can be derived from the ef-
ficiency curves in the Typical Performance Characteristics
section and adjusted with the above ambient temperature
multiplicative factors. The printed circuit board is a 1.6mm
thick four-layer board with two-ounce copper for the two
outer layers and one-ounce copper for the two inner lay-
ers. The PCB dimensions are 95mm × 76mm.
SAFETY CONSIDERATIONS
The LTM4656 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. The device
does support thermal shutdown and overcurrent protec-
tion with retry. If required, a slow blow fuse with a rating
twice the maximum input current needs to be provided to
protect each unit from catastrophic failure.
LAYOUT CHECKLIST/EXAMPLE
The high integration of LTM4656 makes the PCB board
layoutverysimpleandeasy.However,tooptimizeitselectri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current paths,
includingVIN,BVINGNDandVOUT.Ithelpstominimize
the PCB conduction loss and thermal stress.
• Placehighfrequencyceramicinputandoutputcapaci-
tors next to the BVIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• Tominimizetheviaconductionlossandreducemodule
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
APPLICATIONS INFORMATION
Figure 18. Recommended PCB Layout
4656 F18
OPTIONAL INPUT CAP
VIN
SENSE
GND
GND
GND
VOUT
BVIN
(a) TOP LAYER: LTM4656 16mm × 16mm
BVIN CAPS
4656 F18
VIN
SENSE
GND
GND
GND
VOUT
BVIN
(b) BOTTOM LAYER: LTM4656 16mm × 16mm
BVIN CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com