Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4656 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4656
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 8Page - Analog Devices LTM4656 Datasheet HTML 9Page - Analog Devices LTM4656 Datasheet HTML 10Page - Analog Devices LTM4656 Datasheet HTML 11Page - Analog Devices LTM4656 Datasheet HTML 12Page - Analog Devices LTM4656 Datasheet HTML 13Page - Analog Devices LTM4656 Datasheet HTML 14Page - Analog Devices LTM4656 Datasheet HTML 15Page - Analog Devices LTM4656 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4656/LTM4656-1
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 4 and Figure 5 show the overcurrent fault wave-
forms, and the timer pin timeout period as a function of the
amount of voltage across the MIN power MOSFET during
an overcurrent fault. Figure 4 shows a 10V to 36V boost
in short-circuit, and Figure 5 shows a 28V to 36V boost in
a short-circuit. Figure 2 shows that the over current timer
(TIMER pin) will expire at ~240µs in a short-circuit at the
1.375V threshold with 10V input, will expire at 73µs at 40V
input. Figure 4 timeout with 10V input and Figure 5 time out
with 28V input are very close to Figure 2 time out period
relative to input voltage. These timeout periods across the
full input range can be checked against the Figure 3 MIN
MOSFET SOA curves to ensure adequate margin relative
to voltage across the input protection MOSFET and the
current flowing through. Adequate guard band is to ensure
that these conditions are OK overtemperature.
Figure 4. 10V Input to 36V Output Short Input Current
Trip Waveform
TURN-ON INRUSH CURRENT CONTROL AND
POWER-UP INTO LOAD
TheLTM4656turnsontheMINpowerMOSFETwithatime
control ramp of 10ms. When the voltage at the SENSE1
pin is within 0.5V of VIN and 3V above GND, indicating
the external MOSFET is fully on, then the internal ENABLE
signal goes high impedance to allow the RUN pin to acti-
vate the boost converter. The state of the internal ENABLE
signal is latched until the SENSE1 pin voltage drops below
2V, resetting the latch. Utilizing the UV pin to set a UVLO
voltage before turn on, then having the boost converter
turn on after the MIN MOSFET is fully enhanced, and the a
0.1µF soft-start capacitor will assure no false overcurrent
trips at start-up.
SYNCHRONOUS BOOST CONVERTER SECTION
The LTM4656 has a high power synchronous converter
downstream of the input protection. A synchronous boost
converterinherentlyhasdifficultywithoutputshort-circuit
due to the MOUT output power MOSFET body diode
conducting.
The input protection path will control the input current to
boost converter and auto-retry during an output short.
The LTM4656 uses a constant-frequency, current mode
step-up control architecture. During normal operation, the
MBOTbottomMOSFETisturnedonwhentheclocksetsthe
internal RS latch, and is turned off when the main (ICMP)
current comparator resets the RS latch. The peak induc-
tor current at which ICMP trips and resets the latch is
controlled by the voltage on the COMP pin, which is the
output of the error amplifier. The error amplifier compares
the output voltage feedback signal at the VFB pin.
The LTM4656-1 provides optional External Compensation.
In a boost converter, the required inductor current is de-
termined by the load current, VIN and VOUT. When the load
currentincreases,itcausesaslightdecreaseinVFBrelative
to the reference, which causes the error amp to increase
the COMP voltage until the average inductor current in
the channel matches the new requirement based on the
new load current. After the bottom MOSFET is turned off
Figure 5. 28V Input to 36V Output Short Input Current
Trip Waveform
200µs/DIV
4656 F04
*25mV SENSE IN FOLDBACK
TIMER (78 s)
VIN
5V/DIV
VOUT
5V/DIV
IIN
5A/DIV
TIMER PIN
1V/DIV
VOUT SHORTED
~240 SEC TIME OUT
INPUT CURRENT FOLDBACK TO 5A
100µs/DIV
VIN
20V/DIV
VOUT
20V/DIV
4656 F05
*25mV SENSE IN FOLDBACK
TIMER (218 s)
IIN
5A/DIV
TIMER PIN
1V/DIV
VOUT SHORTED
~100 SEC TIME OUT
INPUT CURRENT FOLDBACK TO 5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com