Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMH Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
Q Min
at 100MHz
SRF
(MHz) Min.
DC Resistance
(Ω) Max.
Rated Current
(mA) Max.
LMH0603T-1N0□-F
1.0
S
4
>10000
0.11
470
LMH0603T-1N2□-F
1.2
S
4
>10000
0.12
450
LMH0603T-1N5□-F
1.5
S
4
>10000
0.13
430
LMH0603T-1N8□-F
1.8
S
4
>10000
0.16
390
LMH0603T-2N0□-F
2.0
S
4
>10000
0.17
380
LMH0603T-2N2□-F
2.2
S
4
8800
0.19
360
LMH0603T-2N4□-F
2.4
S
4
8300
0.20
350
LMH0603T-2N7□-F
2.7
S
4
7700
0.21
340
LMH0603T-3N0□-F
3.0
S
4
7200
0.22
330
LMH0603T-3N3□-F
3.3
S
4
6700
0.23
320
LMH0603T-3N6□-F
3.6
S
4
6400
0.25
310
LMH0603T-3N9□-F
3.9
S
4
6000
0.27
300
LMH0603T-4N3□-F
4.3
S
4
5700
0.30
280
LMH0603T-4N7□-F
4.7
S
4
5300
0.30
280
LMH0603T-5N1□-F
5.1
S
4
5000
0.33
270
LMH0603T-5N6□-F
5.6
S
4
4600
0.36
260
LMH0603T-6N2□-F
6.2
S
4
4200
0.38
250
LMH0603T-6N8□-F
6.8
J
4
3900
0.39
250
LMH0603T-7N5□-F
7.5
J
4
3600
0.41
240
LMH0603T-8N2□-F
8.2
J
4
3400
0.45
230
LMH0603T-9N1□-F
9.1
J
4
3200
0.48
220
LMH0603T-10N□-F
10
J
4
2900
0.51
220
LMH0603T-12N□-F
12
J
4
2700
0.68
190
LMH0603T-15N□-F
15
J
4
2300
0.71
180
LMH0603T-18N□-F
18
J
4
2100
0.81
170
LMH0603T-22N□-F
22
J
4
1800
1.00
150
LMH0603T-27N□-F
27
J
4
1800
1.35
120
LMH0603T-33N□-F
33
J
4
1700
1.47
110
LMH0603T-39N□-F
39
J
4
1500
1.72
100
LMH0603T-47N□-F
47
J
4
1300
1.90
100
LMH0603T-56N□-F
56
J
4
1100
2.27
80
LMH0603T-68N□-F
68
J
4
1100
2.66
80
LMH0603T-82N□-F
82
J
4
1000
3.37
70
LMH0603T-R10□-F
100
J
4
900
3.74
60
 Tolerance:S = ± 0.3 nH;J = ± 5%
 Test Instruments: L/Q :
Agilent E4991A
Fixture:Agilent 16197A
SRF:
HPE4991A/ HP19196C
RDC:
HP4338B/ CH502BC
LMH Series
Rev :
www.leiditech.com
01.06.2018
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com