Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH0603T-1N0S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF>10000MHz IDC:300mA
0
10
20
30
40
50
60
70
80
LMH0603T-1N2S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.11Ω SRF>10000MHz IDC:300mA
0
10
20
30
40
50
60
70
80
LMH0603T-1N5S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF>10000MHz IDC:300mA
0
10
20
30
40
50
60
70
80
LMH0603T-1N8S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF>10000MHz IDC:300mA
0
10
20
30
40
50
60
70
80
LMH0603T-2N0S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF>10000MHz IDC:200mA
0
10
20
30
40
50
60
70
80
LMH0603T-2N2S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF>10000MHz IDC:200mA
0
10
20
30
40
50
60
70
80
LMH0603T-2N4S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.19Ω SRF>10000MHz IDC:200mA
0
10
20
30
40
50
60
70
80
LMH0603T-2N7S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.19Ω SRF>10000MHz IDC:200mA
0
10
20
30
40
50
60
70
80
LMH0603T-3N0S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.21Ω SRF>9300MHz IDC:200mA
0
10
20
30
40
50
60
70
80
LMH0603T-3N3S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:9200MHz IDC:200mA
0
10
20
30
40
50
60
70
LMH0603T-3N6S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:8900MHz IDC:150mA
0
10
20
30
40
50
60
70
80
LMH0603T-3N9S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:8800MHz IDC:150mA
0
10
20
30
40
50
60
70
80
LMH0603T-4N3S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.29Ω SRF:8500MHz IDC:150mA
0
10
20
30
40
50
60
70
80
LMH0603T-4N7S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.29Ω SRF:8500MHz IDC:150mA
0
10
20
30
40
50
60
70
80
LMH0603T-5N1S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:7200MHz IDC:150mA
0
10
20
30
40
50
60
70
80
LMH0603T-5N6S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.35Ω SRF:7200MHz IDC:150mA
0
10
20
30
40
50
60
70
80
90
LMH0603T-6N2S-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.37Ω SRF:6100MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH0603T-6N8J-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.38Ω SRF:6100MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH Series
Rev :
www.leiditech.com
01.06.2018
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com