Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMH Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH0603T-1N0S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-1N2S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-1N5S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-1N8S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-2N0S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-2N2S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-2N4S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-2N7S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-3N0S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-3N3S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
LMH0603T-3N6S-F
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-3N9S-F
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-4N3S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-4N7S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-5N1S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-5N6S-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
20
40
60
80
100
LMH0603T-6N2S-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH0603T-6N8J-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
LMH Series
Rev :
www.leiditech.com
01.06.2018
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com