Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMH Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
Q Min
at 100MHz
SRF
(MHz) Typ
DC Resstance
(Ω) Max
IDC
(mA) Max
LMH0603T-1N0□-W
1.0
S
4
>10000
0.10
300
LMH0603T-1N2□-W
1.2
S
4
>10000
0.11
300
LMH0603T-1N5□-W
1.5
S
4
>10000
0.12
300
LMH0603T-1N8□-W
1.8
S
4
>10000
0.15
300
LMH0603T-2N0□-W
2.0
S
4
>10000
0.16
200
LMH0603T-2N2□-W
2.2
S
4
>10000
0.18
200
LMH0603T-2N4□-W
2.4
S
4
>10000
0.19
200
LMH0603T-2N7□-W
2.7
S
4
>10000
0.19
200
LMH0603T-3N0□-W
3.0
S
4
9300
0.21
200
LMH0603T-3N3□-W
3.3
S
4
9200
0.22
200
LMH0603T-3N6□-W
3.6
S
4
8900
0.24
150
LMH0603T-3N9□-W
3.9
S
4
8800
0.26
150
LMH0603T-4N3□-W
4.3
S
4
8500
0.29
150
LMH0603T-4N7□-W
4.7
S
4
8500
0.29
150
LMH0603T-5N1□-W
5.1
S
4
7200
0.32
150
LMH0603T-5N6□-W
5.6
S
4
7200
0.35
150
LMH0603T-6N2□-W
6.2
S
4
6100
0.37
100
LMH0603T-6N8□-W
6.8
J
4
6100
0.38
100
LMH0603T-7N5□-W
7.5
J
4
5800
0.40
100
LMH0603T-8N2□-W
8.2
J
4
5800
0.44
100
LMH0603T-9N1□-W
9.1
J
4
4600
0.47
100
LMH0603T-10N□-W
10
J
4
4600
0.50
100
LMH0603T-12N□-W
12
J
4
3800
0.67
100
LMH0603T-15N□-W
15
J
3.5
3800
0.80
90
LMH0603T-18N□-W
18
J
3.5
3300
1.21
80
LMH0603T-22N□-W
22
J
3.5
3000
1.32
70
LMH0603T-27N□-W
27
J
3.5
2800
1.34
50
LMH0603T-33N□-W
33
J
3.5
2500
1.45
50
LMH0603T-39N□-W
39
J
3.5
1900
1.71
50
LMH0603T-47N□-W
47
J
3.5
1600
1.89
50
LMH0603T-56N□-W
56
J
3.5
1400
2.26
50
LMH0603T-68N□-W
68
J
3.5
1200
2.65
50
 Tolerance:S = ± 0.3 nH;J = ± 5%
 Test Instruments: L/Q :
Agilent E4991A
Fixture:Agilent 16197A
SRF:
HPE4991A/ HP19196C
RDC:
HP4338B/ CH502BC
LMH Series
Rev :
www.leiditech.com
01.06.2018
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com