Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH0603T-7N5J-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.40Ω SRF:5800MHz IDC:100mA
0
5
10
15
20
25
30
35
40
LMH0603T-8N2J-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.44Ω SRF:5800MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH0603T-9N1J-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.47Ω SRF:4600MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH0603T-10NJ-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.50Ω SRF:4600MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH0603T-12NJ-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.67Ω SRF:3800MHz IDC:100mA
0
10
20
30
40
50
60
70
80
LMH0603T-15NJ-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.80Ω SRF:3800MHz IDC:90mA
0
10
20
30
40
50
60
70
80
LMH0603T-18NJ-W
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.21Ω SRF:3300MHz IDC:80mA
0
10
20
30
40
50
60
70
80
LMH0603T-22NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.32Ω SRF:3000MHz IDC:70mA
0
10
20
30
40
50
60
70
80
LMH0603T-27NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.34Ω SRF:2800MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH0603T-33NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.45Ω SRF:2500MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH0603T-39NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.71Ω SRF:1900MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH0603T-47NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.89Ω SRF:1600MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH0603T-56NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<2.26Ω SRF:1400MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH0603T-68NJ-W
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<2.65Ω SRF:1200MHz IDC:50mA
0
10
20
30
40
50
60
70
80
LMH Series
Rev :
www.leiditech.com
01.06.2018
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com