Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMH Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
Applications
 RoHS compliant
 Excellent Q factor and SRF characteristics
 Small size of 1005/1608 is suitable for small portable equipment.
 Supports operating frequency up to 6GHz with nominal
inductance values from 1.0nH to 470nH.
 RF Resonance and Impedance Matching Circuit
 RF and wireless communication
 Information technology equipment, computers, telecommunications,
radar detectors, automotive electronics, cellular phones, pagers,
PDAs, keyless remote systems.
 Use in L-C filter configurations
Product Identification
 Packing Type: T: Taping B: Bulk
 Product series identification:
Top side half mark. CLH1608-W: White
Shapes and Dimensions
LMH0603-F Series
LMH1005-H Series
LMH1608-H Series
LMH1005-S Series
LMH1608-S Series
LMH0603-W Series
LMH1608-W Series
LMH2012-S Series
Dimensions in mm
TYPE
A
B
C
D
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.15±0.05
1005
1.0±0.10
0.5±0.10
0.5±0.10
0.25±0.10
1608
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
2012
< 390 nH
2.0±0.2
1.25±0.2
0.9±0.2
0.5±0.3
2012
≧ 390 nH
2.0±0.2
1.25±0.2
1.2±0.2
0.5±0.3
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
LMH0603
0.3
0.75 ~ 1.05
0.3
LMH1005
0.4
1.2 ~ 1.4
0.5
LMH1608
0.7 ~ 0.8
1.8 ~ 2.0
0.6 ~ 0.8
LMH2012
1.0 ~ 1.2
2.6 ~ 4.0
1.0 ~ 1.2
SMD Ceramic Multilayer Chip Inductors
LMH Series
LMH
Top side half mark.
White
Top side full mark.
Top side half mark.
Top side full mark.
White
LMH0603-F:
LMH0603-W:
LMH1005-S:
LMH1005-H:
LMH1608-S:
LMH1608-H:
LMH2012-S:
Rev :
www.leiditech.com
01.06.2018
1/22


Similar Part No. - LMH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
logo
Intersil Corporation
LMH0001 INTERSIL-LMH0001 Datasheet
194Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
December 5, 2007
logo
National Semiconductor ...
LMH0001 NSC-LMH0001 Datasheet
193Kb / 6P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0001 NSC-LMH0001 Datasheet
159Kb / 4P
Replacing the CLC001 Cable Driver with the LMH0001
logo
Texas Instruments
LMH0001 TI1-LMH0001 Datasheet
727Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
More results

Similar Description - LMH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
SMD Ceramic Multilayer Chip Inductors
CLH ETC2-CLH Datasheet
1Mb / 25P
SMD Ceramic Multilayer Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
SMD Ceramic Multilayer Chip Inductors
logo
RFE international
SCLH RFE-SCLH Datasheet
1Mb / 14P
SMD Ceramic Multilayer Chip Inductors
23-OCT-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com