Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH Datasheet(PDF) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Test Instruments:
HP4291A Material/Impedance Analyzer
LMH1005T-3N3S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-3N9S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:6100MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-4N7S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:5400MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-5N6S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:5100MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-6N8J-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY MHz
RDC<0.25Ω SRF:4550MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-8N2J-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SRF:4100MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-10NJ-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.35Ω SRF:3900MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-12NJ-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.4Ω SRF:3000MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-15NJ-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.5Ω SRF:2800MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-18NJ-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:2500MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-22NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.7Ω SRF:2200MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-27NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.8Ω SRF:2000MHz IDC:300mA
0
10
20
30
40
50
LMH1005T-33NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.9Ω SRF:1800MHz IDC:200mA
0
10
20
30
40
50
LMH1005T-39NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.0Ω SRF:1600MHz IDC:150mA
0
10
20
30
40
50
LMH1005T-47NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC:1.2Ω SRF:1400MHz IDC:150mA
0
10
20
30
40
50
LMH1005T-56NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.3Ω SRF:1300MHz IDC:150mA
0
10
20
30
40
50
LMH1005T-68NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.5Ω SRF:1100MHz IDC:100mA
0
10
20
30
40
50
LMH1005T-82NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.6Ω SRF:1000MHz IDC:100mA
0
10
20
30
40
50
LMH Series
Rev :
www.leiditech.com
01.06.2018
12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com