Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
200W
240W
320W 1FC
480W
600W
800W
Leakage current
(input - output)
≤ 0.25 mA
Earth leakage current
(input - PG)
≤ 3.5 mA
Efficiency
@115VAC
Output voltage
5 VDC
79 %
12 VDC
84 %
84 %
84.5 %
88 %
88 %
-
15 VDC
-
-
-
-
-
-
24 VDC
86 %
86 %
87 %
89 %
89 %
≥ 88 %
36 VDC
86 %
-
-
90 %
90 %
-
48 VDC
87.5 %
-
87.5 %
90 %
90 %
-
Efficiency
@230VAC
5 VDC
79 %
-
-
-
-
-
12 VDC
84 %
84.5 %
88 %
-
15 VDC
-
-
-
-
-
-
24 VDC
86 %
87 %
89 %
≥ 88 %
36 VDC
-
-
-
90 %
-
48 VDC
87.5 %
-
87.5 %-
90 %
≥ 89 %
Power factor (full load)
110 VAC
230 VAC
> 0.98
> 0.95
> 0.98
> 0.96
Ingress protection
IP 20
MTBF (MIL-HDBK-217F)
> 200.000 hours
Case material
Metal
Weights
780g
810g
1.13Kgs
1.22Kgs
Switching frequency
83KHz
100KHz
Mounting
Panel
Packing
12 PCS / CTN
8 PCS / CTN
G.W: 11.4 kgs (25.1 lb)
G.W: 11.6
kgs
(25.5 lb)
G.W: 8.7 kgs (19.1 lb)
G.W: 10.97
kgs
(24.1 lb)
0.04 CBM
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com