Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 36 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 36 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 29Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 30Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 31Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 32Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 33Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 34Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 35Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 36Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Glossary
CE: "Conformité Européene" or "European Conformity"; Indicates the manufacturer declaration of
conformity that the product meets the relevant health, safety and environmental protection requirements
of the applicable EC directives.
Economical: The SPDM is the most economical power supply, offering features and space spacing
while lowering the cost.
cRUus: This certification mark is based on the UL60950-1; Information Technology Equipment - Safety
- Part 1. The UL60950-1 is applicable to mains-powered or battery-powered information technology
equipment, including electrical business equipment and associated equipment, with a rated voltage
not exceeding 600 V.
Reduced dimension: The footprint is reduced with the SPDM, saving up to 30% space when compared
to others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com