Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 23 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 23 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 27Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Inrush current
115 VAC
230 VAC
20 A (120VAC)
40 A
-
< 50 A
-
45 A
-
<60 A
< 30A
< 60 A
< 30 A
< 45 A
Internal input
fuse
2A / 250 VAC
3.15 / 250 VAC
5 A / 250 VAC
4 A / 250 VAC
5 A / 250 VAC
SPPC
200W
240W
320W 1FC
480W
600W
800W
Rated input voltage
100 VAC / 240 VAC
Input voltage range
90 VAC ~ 264 VAC,
120 VDC ~ 370 VDC
90 VAC ~ 264 VAC,
AC current (max)
115 VAC
230 VAC
< 3.5 A
-
< 4.5 A
-
< 4.5 A
-
< 7 A
-
≤ 12 A
-
Frequency range
47 Hz ~ 63 Hz
Inrush current
115 VAC
230 VAC
< 30 A
< 50 A
-
< 20 A
≤ 20 A
(220 VAC)
Internal input fuse
5 A / 250 VAC
6.3 A / 250 VAC
10 A / 250 VAC
15 A / VAC
Output data
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Output power
25W
35W
50W
75W
150W
150W
Voltage accuracy
± 2%
± 3%
± 1%
± 2%
Line regulation
± 1%
± 0.5%
Load regulation
± 2%
± 1%
Voltage regulation span
-10 % ~ 10 %
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com