Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 17 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 17 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 21Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
1
+V
VADJ
-V
N
L
2
3
4
5
+
Terminal
Designation
Description
1
V+
Positive output terminal
2
V-
Negative output terminal
3
Ground
Ground this terminal to minimize high frequency emissions
4
N
Input terminals (neutral conductor, no polarity with DC input)
5
L
Input terminals (phase conductor, no polarity with DC input)
Vout ADJ
Potentiometer for output voltage adjustment
SPPC 150W 1F
Terminal
Designation
Description
1
N
Input terminals (neutral conductor, no polarity with DC input)
2
L
Input terminals (phase conductor, no polarity with DC input)
3
Ground
Ground this terminal to minimize high frequency emissions
4
V-
Negative output terminal
5
V+
Positive output terminal
Vout ADJ
Potentiometer for output voltage adjustment
DC Status
LED indication of power supply output status
SPPC 50W / 75W
1
+V VADJ
-V
N
L
2
3
4
5
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com