Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  SPPC Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Single Phase Power Supply
Benefits
Description
Applications
•
Universal AC, DC input range. SPPC Series can be
powered with AC Voltage (85-90 VAC to 264 VAC) or with
DC Voltage (120-127 VDC to 370 VDC).
•
Reliable power in very compact dimensions. High
compactness, miniature size, long life and high power
density, efficiency and reliability.
•
Reliable critical Protection. The operation safety is
guaranteed by the various output protections: Over
Voltage (OVP), Over Load (OLP), Short Circuit (SCP),
Over Power (OVP) and Over Temperature (OTP)
depending on the model.
•
Built-in active PFC function. PF >0.95 (for 150W to
800W models).
•
Built-in features. Built-in Fan Speed Control, remote
sense function, DC OK signal depending on the model.
•
Wide operating ambient temp. The operating
temperature range is from -20 / -30°C to +65 / 70°C
depending on the model, and a Storage temperature
range from -40°C / +85°C.
Enclosed Switching Power Supply for AC DC and
DC DC power requirement. The new SPPC family
provides flexible OEM power solutions for industrial
control and automation applications. This Series is
available with range from 25W to 800W, and from 5V
to 24V. All the range carries full certification offering
a wide range of universal input and screw terminal
connections.
This product is suitable for all applications which require single-phase power supply with universal AC or DC
voltage input range, high efficiency, and high compactness for panel mounting solution.
• Compact dimensions of up to 28.8 mm height
• High efficiency up to 90%
• Universal AC, DC input voltage range
• 25W, 35W, 50W, 75W, 150W, 200W, 240W, 320W, 480W, 600W, 800W
• Screw terminals
Main functions


Similar Part No. - SPPC

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SPPC100-C ATGBICS-SPPC100-C Datasheet
151Kb / 3P
SPPC100 Amer Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Similar Description - SPPC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
Single-Phase Single Chip Graphics Core Power Supply
logo
Altech corporation
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
480W Single Phase Industrial DIN Rail Power Supply
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
Single-Phase Single Chip Vcore Power Supply
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
logo
Carlo Gavazzi Holding A...
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com