Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 21 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 21 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 25Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Vibration
resistance
10 ~ 150Hz, 2G
10 min. / 1 cycle,
period for 60 min.
each along X, Y,
Z axes
10~500 Hz, 5G 10 min / 1 cycle, 60 min, each along X, Y, Z axes.
Shock
resistance
20 G, 11 ms, 3 times along X, Y, Z axes
SPPC
200W
240W
320W 1FC
480W
600W
800W
Safety
standards
UL60950-1 2nd Ed;
IEC 60950-1:2005 (2nd Ed);
EN60950-1:2006
EMC Emission:
EMI conduction
& radiation
EMS immunity
EN55022, EN55024, FCC Part 15 Class B
EN61000-4-2, 3, 4, 5, 6, 8, 11
Harmonic
current
Compliance to EN61000-3-2, Class D
EMC immunity
-
-
-
-
-
-
CE
CE
UL Certification
UL approved
Vibration
resistance
10 ~ 500 Hz, 2G 10 min. / 1 cycle, period for 60 min. each along
X, Y, Z axes
10 ~ 150 Hz, 2G 10 min. / 1 cycle,
period for 60 min. each along X, Y,
Z axes
10 ~ 500 Hz, 2G 10 min.
/ 1 cycle, period for 60
min. each along X, Y,
Z axes
Shock
resistance
20 G / 11 ms pulse, 3 times at each X, Y, Z axes
Insulation
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Insulation /
withstand voltage
(I/PE)
Primary - PG: 1.5k VAC / ≤ 10 mA
Insulation /
withstand voltage
(I/O)
Primary - Secondary: 3.0k Vac / 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com