Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC Datasheet(PDF) 22 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 22 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 26Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Insulation /
withstand voltage
(O/PE)
Secondary - PG: 0.5k VDC / 10 mA
Insulation
resistance
100 ohms
10M ohms
Overvoltage
category
II
Pollution degree
2
SPPC
200W
240W
320W 1FC
480W
600W
800W
Insulation / withstand
voltage (I/PE)
Primary - PG: 1.5K VAC/10 mA
Insulation / withstand
voltage (I/O)
Primary - Secondary: 3.0K VAC/10 mA
Insulation / withstand
voltage (O/PE)
Secondary - PG:
0.5k VDC ; ≤ 10
mA
≤ 10 mA Secondary - PG: 0.5k Vac ; ≤10 mA
Insulation resistance
10M ohms
100M ohms
10M ohms
Overvoltage category
II
Pollution degree
2
Input data
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Rated input
voltage
100 VAC / 240 VAC
Input voltage
range
88 VAC / 264 VAC
AC current
(max)
115VAC
230VAC
< 0.7 A
-
< 1 A
-
< 1.3 A
-
< 2.5 A
-
2.0 A
-
Frequency
range
47 Hz ~ 63 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com