Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 14Page - Advanced Micro Devices AM79C031 Datasheet HTML 15Page - Advanced Micro Devices AM79C031 Datasheet HTML 16Page - Advanced Micro Devices AM79C031 Datasheet HTML 17Page - Advanced Micro Devices AM79C031 Datasheet HTML 18Page - Advanced Micro Devices AM79C031 Datasheet HTML 19Page - Advanced Micro Devices AM79C031 Datasheet HTML 20Page - Advanced Micro Devices AM79C031 Datasheet HTML 21Page - Advanced Micro Devices AM79C031 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
Am79C02/03/031(A) Data Sheet
Master Clock
For 2.048 MHz ±100 ppm or 4.096 MHz ±100 ppm operation:
Notes:
1. DCLK may be stopped in the High or Low state indefinitely without loss of information. If CS makes a transition to the Low
state, the last byte received is interpreted by the Microprocessor Interface logic.
2. The PCM clock (PCLK) frequency must be an integer multiple of the frame sync (FS) frequency and synchronous to the MCLK
frequency. The actual PCLK rate is dependent on the number of channels allocated within a frame. The DSLAC supports 2–
128 channels. A PCLK of 1.544 MHz can be used for standard US transmission systems. The minimum clock frequency is
128 kHz.
3. TSC is delayed from FS by a typical value of N
• tPCY, where N is the value stored in the time/clock-slot register.
4. There is a special conflict detection circuitry that prevents high-power dissipation from occurring when the DXA or DXB pins
of two DSLAC devices are tied together and one DSLAC device starts to transmit before the other has gone into a high-
impedance state.
5. The first data bit is enabled on the falling edge of CS or on the falling edge of DCLK, whichever occurs last.
6. tTSO is defined as the time at which the output achieves the open circuit condition.
7. The DSLAC device requires 40 cycles of the 8 MHz internal clock (5 µs) between SIO operations. If the MPI is being accessed
while the MCLK input is not active, a Chip Select Off time of 20 µs is required.
SWITCHING WAVEFORMS
Input and Output Waveforms for AC Tests
Master Clock Timing
No.
Symbol
Parameter
Min
Typ
Max
Units
35
tMCY
Master Clock Period (2.048 MHz)
488.23
488.28
488.33
ns
Master Clock Period (4.096 MHz)
244.11
244.14
244.17
36
tMCR
Rise Time of Clock
15
37
tMCF
Fall Time of Clock
15
38
tMCH
MCLK High Pulse Width (2.048 MHz)
200
MCLK High Pulse Width (4.096 MHz)
80
39
tMCL
MCLK Low Pulse Width (2.048 MHz)
200
MCLK Low Pulse Width (4.096 MHz)
80
Test
Points
2.0
0.8
2.0
0.8
2.4
0.45
09875H-012
09875H-013
35
36
39
38
37
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com