Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 24Page - Advanced Micro Devices AM79C031 Datasheet HTML 25Page - Advanced Micro Devices AM79C031 Datasheet HTML 26Page - Advanced Micro Devices AM79C031 Datasheet HTML 27Page - Advanced Micro Devices AM79C031 Datasheet HTML 28Page - Advanced Micro Devices AM79C031 Datasheet HTML 29Page - Advanced Micro Devices AM79C031 Datasheet HTML 30Page - Advanced Micro Devices AM79C031 Datasheet HTML 31Page - Advanced Micro Devices AM79C031 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Am79C02/03/031(A) Data Sheet
6. MCLK Selection
(10h/12h)
MCLK may be selected to operate from a 2.048 MHz or 4.096 MHz external clock. MCLK
selection on either channel affects both channels.
A = 0:
2.048 MHz
A = 1:
4.096 MHz
7. Write Transmit Time Slot and PCM Highway Selection
(40h)
PCM = 0:
Highway A
PCM = 1:
Highway B
TS:
Time slot number 0 to 127
The PCM Highway B is not available on the Am79C031(A). The Transmit section of both
channels must not be set to the same time slot on the same output port simultaneously.
8. Read Transmit Time Slot and PCM Highway Selection
(41h)
9. Write Receive Time Slot and PCM Highway Selection
(42h)
PCM = 0:
Highway A
PCM = 1:
Highway B
TS:
Time slot number 0 to 127
The PCM Highway B is not available on the Am79C031(A).
10. Read Receive Time Slot and PCM Highway Selection
(43h)
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
1
0
0
A
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
0
0
Output Data
PCM
TS
TS
TS
TS
TS
TS
TS
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
0
1
Output Data
PCM
TS
TS
TS
TS
TS
TS
TS
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
1
0
Output Data
PCM
TS
TS
TS
TS
TS
TS
TS
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
1
1
Output Data
PCM
TS
TS
TS
TS
TS
TS
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com