Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 7Page - Advanced Micro Devices AM79C031 Datasheet HTML 8Page - Advanced Micro Devices AM79C031 Datasheet HTML 9Page - Advanced Micro Devices AM79C031 Datasheet HTML 10Page - Advanced Micro Devices AM79C031 Datasheet HTML 11Page - Advanced Micro Devices AM79C031 Datasheet HTML 12Page - Advanced Micro Devices AM79C031 Datasheet HTML 13Page - Advanced Micro Devices AM79C031 Datasheet HTML 14Page - Advanced Micro Devices AM79C031 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SLAC Products
11
Transmission Characteristics
The gain of the receive path is defined to be 0 dB when a 0 dBm0, 1014 Hz PCM sine wave input results in a nominal
1.55 Vrms for µ-law or 1.56 Vrms for A-law analog output. The gain of the transmit path is 0 dB when a 1.55 Vrms
for µ-law or 1.56 Vrms for A-law, 1014 Hz sine wave analog input results in a level of 0 dBm0 at the digital output.
When relative levels (dBm0) are used in any of the following transmission specifications, the specification holds for any
setting of the AX + GX gain from 0 to 12 dB and the AR + GR loss from 0 to 12 dB. Performance specification for
settings of the AX + GX gain from 12 to 18 dB and the AR + GR loss from 12 to 18 dB is determined as the device
is characterized.
Notes:
1. AMD guarantees less than 0.1% of units fall into the last 0.05 dB of these specification numbers.
2. See Figure 1.
3. With f swept between 0 to 300 Hz and 3400 to 12 kHz, any generated output signals other than f are less than –28 dBm0.
This specification is valid for either transmission path.
4. AMD guarantees < 0.2% of units are above –46 dB. This relaxed specification applies to only the third harmonic.
5. Intermodulation distortion specification for two signals of same level in the range of –4 dBm0 to –21 dBm0 does not produce
2
• (f1 – f2) component above specified level. 50 Hz IMD specified with 50 Hz signal at –23 dBm0 and signal between 300 Hz
to 3400 Hz at –9 dBm0.
6. No single frequency component in the range above 3800 Hz may exceed a level of –55 dBm0.
7. The Group Delay specification is defined as the sum of the minimum values of the group delays for the transmit and the
receive paths when the transmit and receive time slots are identical and the B, X, R, and Z filters are disabled. For PCLK
frequencies between 1.03 MHz and 1.53 MHz, the group delay may vary from one cycle to the next. See Figure 2.
Description
Test Conditions
Min
Typ
Max
Unit
Note
Gain accuracy
D to A or A to D
0 dBm0, 1014 Hz
25°C to 85°C
0 dB < |path gain| < 6 dB
0°C
–40°C
–0.20
–0.25
–0.35
+0.20
+0.25
+0.35
dB
Gain accuracy
D to A or A to D
0 dBm0, 1014 Hz
70°C to 85°C
6 dB < |path gain| < 12 dB
25°C
0°C
–40°C
–0.20
–0.25
–0.30
–0.35
+0.20
+0.25
+0.30
+0.35
—
1
1
—
Gain accuracy
analog to analog
or digital to digital
25°C to 85°C
0°C
–40°C
–0.20
–0.25
–0.35
+0.20
+0.25
+0.35
Attenuation distortion
300 Hz to 3400 Hz
–0.125
+0.125
2
Single frequency distortion, A to D
–46
3
Single frequency distortion, D to A –6 dB < (GR + AR) < 0 dB
–40°C to 85°C
–12 dB < (GR + AR) < –6 dB
70°C to 85°C
–12 dB < (GR + AR) < –6 dB
25°C
–12 dB < (GR + AR) < –6 dB
0°C
–12 dB < (GR + AR) < –6 dB
–40°C
–46
–46
–45
–43
–40
3
3
3, 4
3, 4
3, 4
Intermodulation distortion
–42
–56
dBr
5
Analog out
Idle channel noise
Digital out
digital looped back
weighted
unweighted
digital input = 0
A-law
µ-law
analog VIN = 0
A-law
µ-law
–68
–55
–78
12
–68
19
dBm0p
dBm0p
dBm0p
dBrnc0
dBm0p
dBrnc0
6
Crosstalk
TX to RX
same channel
RX to TX
0 dBm0
300 Hz to 3400 Hz
–75
–75
TX to TX
Crosstalk
TX to RX
between channels
RX to TX
RX to RX
0 dBm0
300 Hz to 3400 Hz
–76
–78
–76
–78
Group delay
PCLK
≥ 1.53 MHz
PCLK
≤ 1.03 MHz
B, X, R, and Z filters disabled
630
695
µs
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com