Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 12Page - Advanced Micro Devices AM79C031 Datasheet HTML 13Page - Advanced Micro Devices AM79C031 Datasheet HTML 14Page - Advanced Micro Devices AM79C031 Datasheet HTML 15Page - Advanced Micro Devices AM79C031 Datasheet HTML 16Page - Advanced Micro Devices AM79C031 Datasheet HTML 17Page - Advanced Micro Devices AM79C031 Datasheet HTML 18Page - Advanced Micro Devices AM79C031 Datasheet HTML 19Page - Advanced Micro Devices AM79C031 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
Am79C02/03/031(A) Data Sheet
Overload Compression
Figure 7 shows the acceptable region of operation for input signal levels above the reference input power (0 dBm0).
The conditions for this figure are: (1) 1 dB < GX
≤ 12 dB; (2) –12 dB ≤ GR < –1 dB; (3) PCM output connected to
PCM input; and (4) measurement analog-to-analog.
Figure 7.
A/A Overload Compression
Fundamental
Output Power
(dBm0)
9
8
7
6
5
4
3
2
1
2.6
123456789
Fundamental Input Power (dBm0)
Acceptable
Region
09875H-011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com