Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 25Page - Advanced Micro Devices AM79C031 Datasheet HTML 26Page - Advanced Micro Devices AM79C031 Datasheet HTML 27Page - Advanced Micro Devices AM79C031 Datasheet HTML 28Page - Advanced Micro Devices AM79C031 Datasheet HTML 29Page - Advanced Micro Devices AM79C031 Datasheet HTML 30Page - Advanced Micro Devices AM79C031 Datasheet HTML 31Page - Advanced Micro Devices AM79C031 Datasheet HTML 32Page - Advanced Micro Devices AM79C031 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
SLAC Products
29
11. Write Transmit Clock Slot, Receive Clock Slot, and Transmit Clock Edge
(44h)
TCS:
Transmit Clock Slot number 0–7
RCS:
Receive Clock Slot number 0–7
XE=0
Transmit on negative edge of PCLK
XE = 1
Transmit on positive edge of PCLK
RSVD:
Reserved. Always write as 0, but 0 is not guaranteed when read.
Note:
XE = 1 should not be programmed unless the PCM delay is removed (i.e., PCD = 1).
The XE bit is set for both channels when written to either channel. If XE = 1, the
maximum PCM clock rate becomes 4.096 MHz.
12. Read Transmit Clock Slot, Receive Clock Slot, and Transmit Clock Edge
(45h)
RSVD:
Reserved. Always write as 0, but 0 is not guaranteed when read.
13. Write AISN, PCM Delay, and Analog Gains
(50h)
PCM Delay:
PCD = 0*
Delay inserted (SLAC device compatible)
PCD = 1
Delay removed (high speed)
Transmit Analog Gain:
AX = 0*
0 dB gain
AX = 1
6.02 dB gain
Receive Analog Loss:
AR = 0*
0 dB loss
AR = 1
6.02 dB loss
AISN coefficient: A, B, C, D, E
The Analog Impedance Scaling Network (AISN) gain can be varied from –0.9375
to 0.9375 in multiples of 0.0625. The gain coefficient is decoded using the follow-
ing equation:
where hAISN is the gain of the AISN and A, B, C, D, and E = 0 or 1. A value of ABCDE
= 10000 implements a special digital Loopback mode, and a value of ABCDE = 00000
indicates a gain of 0 (cutoff).
* Power-up default value.
Note:
Maximum PCLK frequency with PCM delay inserted (PCD = 0) is: 4.096 MHz.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
0
0
Input Data
RSVD
XE
RCS
RCS
RCS
TCS
TCS
TCS
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
0
1
Output Data
RSVD
XE
RCS
RCS
RCS
TCS
TCS
TCS
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
0
0
Input Data
PCD
AX
AR
A
B
C
D
E
h
AISN
0.0625 A
2
4
B2
3
C2
2
D2
1
E2
0
•
+
•
+
•
+
•
+
•
() 16
–
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com