Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 26Page - Advanced Micro Devices AM79C031 Datasheet HTML 27Page - Advanced Micro Devices AM79C031 Datasheet HTML 28Page - Advanced Micro Devices AM79C031 Datasheet HTML 29Page - Advanced Micro Devices AM79C031 Datasheet HTML 30Page - Advanced Micro Devices AM79C031 Datasheet HTML 31Page - Advanced Micro Devices AM79C031 Datasheet HTML 32Page - Advanced Micro Devices AM79C031 Datasheet HTML 33Page - Advanced Micro Devices AM79C031 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
Am79C02/03/031(A) Data Sheet
14. Read AISN, PCM Delay, and Analog Gains
(51h)
15. Write SLIC Output Register
(52h)
C1 through C5 are set to 1 or 0. The data appears latched on the C1 through C5 SLIC I/O pins,
provided they are set in the Output mode (see Command 17). The data sent to any of the pins
set to the Input mode are latched, but do not appear at the pins.
RSVD
Reserved. Always write as 0, but 0 is not guaranteed when read.
16. Read SLIC Pins
(53h)
The logic state of pins C1 through C5 is read regardless of the direction programmed into the
Input/Output register.
17. Write SLIC Input/Output Direction
(54h)
Pins C1x through C5x are set to input or output modes individually. Pins C51 and C52 are not
available on the Am79C03(A). C51 and C52 pins are output only on the Am79C031(A) and must
be programmed as outputs with this command. All unused SLIC I/O pins should be programmed
as outputs to reduce power consumption.
Data bit A sets pins C51 or C52.
Data bit B sets pins C41 or C42.
Data bit C sets pins C31 or C32.
Data bit D sets pins C21 or C22.
Data bit E sets pins C11 or C12.
Data bit = 0; Pin mode = Input.*
Data bit = 1; Pin mode = Output.
RSVD
Reserved. Always write as 0, but 0 is not guaranteed when read.
* Power up default value
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
0
1
Output Data
PCD
AX
AR
A
B
C
D
E
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
1
0
Input Data
RSVD
RSVD
RSVD
C5
C4
C3
C2
C1
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
1
1
Output Data
RSVD
RSVD
RSVD
C5
C4
C3
C2
C1
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
0
Input Data
RSVD
RSVD
RSVD
C5
C4
C3
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com